Electronic Components Datasheet Search |
|
TLC541IN Datasheet(PDF) 10 Page - Texas Instruments |
|
TLC541IN Datasheet(HTML) 10 Page - Texas Instruments |
10 / 19 page TLC540I, TLC541I 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS SLAS065B – OCTOBER 1983 – REVISED JUNE 2001 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION It is possible to connect SYSTEM CLOCK and I/O clock together in special situations in which controlling circuitry points must be minimized. In this case, the following special points must be considered in addition to the requirements of the normal control sequence previously described. 1. The first two clocks are required for this device to recognize CS is at a valid low level when the common clock signal is used as an I/O CLOCK. When CS is recognized by the device to be at a high level, the common clock signal is used for the conversion clock also. 2. A low CS must be recognized before the I/O CLOCK can shift in an analog channel address. The device recognizes a CS transition when the SYSTEM CLOCK terminal receives two positive edges and then a negative edge. For this reason, after a CS negative edge, the first two clock cycles do not shift in the address. Also, upon shifting in the address, CS must be raised after the eighth valid (10 total) I/O CLOCK. Otherwise, additional common clock cycles are recognized as I/O CLOCKS and will shift in an erroneous address. For certain applications, such as strobing applications, it is necessary to start conversion at a specific point in time. This device accommodates these applications. Although the on-chip sample and hold begins sampling upon the negative edge of the fourth valid I/O clock cycle, the hold function is not initiated until the negative edge of the eighth valid I/O clock cycle. Thus, the control circuitry can leave the I/O clock signal in its high state during the eighth valid I/O clock cycle until the moment at which the analog signal must be converted. The TLC540/TLC541 continues sampling the analog input until the eighth falling edge of the I/O clock. The control circuitry or software then immediately lowers the I/O clock signal and holds the analog signal at the desired point in time and start conversion. Detailed information on interfacing to most popular microprocessors is readily available from the factory. |
Similar Part No. - TLC541IN |
|
Similar Description - TLC541IN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |