Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC541IN Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC541IN
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC541IN Datasheet(HTML) 4 Page - Texas Instruments

  TLC541IN Datasheet HTML 1Page - Texas Instruments TLC541IN Datasheet HTML 2Page - Texas Instruments TLC541IN Datasheet HTML 3Page - Texas Instruments TLC541IN Datasheet HTML 4Page - Texas Instruments TLC541IN Datasheet HTML 5Page - Texas Instruments TLC541IN Datasheet HTML 6Page - Texas Instruments TLC541IN Datasheet HTML 7Page - Texas Instruments TLC541IN Datasheet HTML 8Page - Texas Instruments TLC541IN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TLC540I, TLC541I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 INPUTS
SLAS065B – OCTOBER 1983 – REVISED JUNE 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
TLC540
TLC541
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.5
4.75
5
5.5
V
Positive reference voltage, Vref+ (see Note 2)
2.5
VCC VCC + 0.1
2.5
VCC VCC + 0.1
V
Negative reference voltage, Vref– (see Note 2)
– 0.1
0
2.5
– 0.1
0
2.5
V
Differential reference voltage, Vref+ – Vref– (see Note 2)
1
VCC VCC + 0.2
1
VCC VCC + 0.2
V
Analog input voltage (see Note 2)
0
VCC
0
VCC
V
High-level control input voltage, VIH
2
2
V
Low-level control input voltage, VIL
0.8
0.8
V
Setup time, address bits at data input before I/O CLOCK
↑,
tsu(A)
200
400
ns
Hold time, address bits after I/O CLOCK
↑,th(A)
0
0
ns
Setup time, CS low before clocking in first address bit, tsu(CS)
(see Note 3)
3
3
System
clock
cycles
CS high during conversion, twH(CS)
36
36
System
clock
cycles
I/O CLOCK frequency, fclock(I/O)
0
2.048
0
1.1
MHz
Pulse duration, SYSTEM CLOCK frequency, fclock(SYS)
fclock(I/O)
4
fclock(I/O)
2.1
MHz
Pulse duration, SYSTEM CLOCK high, twH(SYS)
110
210
MHz
Pulse duration, SYSTEM CLOCK low, twL(SYS)
100
190
MHz
Pulse duration, I/O clock high, twH(I/O)
200
404
ns
Pulse duration, I/O clock low, twL(I/O)
200
404
ns
System
fclock(SYS) ≤ 1048 kHz
30
30
Clock transition time
System
fclock(SYS) > 1048 kHz
20
20
ns
(see Note 4)
I/O
fclock(I/O) ≤ 525 kHz
100
100
ns
I/O
fclock(I/O) > 525 kHz
40
40
Operating free-air temperature, TA
TLC540I, TLC541I
– 40
85
– 40
85
°C
NOTES:
2. Analog input voltages greater than that applied to REF + convert as all 1s (11111111), while input voltages less than that applied to
REF– convert as all 0s (00000000). For proper operation, REF+ voltage must be at least 1 V higher than REF– voltage. Also, the
total unadjusted error may increase as this differential reference voltage falls below 4.75 V.
3. To minimize errors caused by noise at CS, the internal circuitry waits for three SYSTEM CLOCK cycles (or less) after a chip select
falling edge is detected before responding to control input signals. Therefore, no attempt should be made to clock in an address until
the minimum chip select setup time has elapsed.
4. This is the time required for the clock input signal to fall from VIH min to VIL max or to rise from VIL max to VIH min. In the vicinity
of normal room temperature, the devices function with input clock transition time as slow as 2
µs for remote data acquisition
applications where the sensor and the A/D converter are placed several feet away from the controlling microprocessor.


Similar Part No. - TLC541IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC541IN TI-TLC541IN Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
More results

Similar Description - TLC541IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com