Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC1543QDBRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC1543QDBRG4
Description   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1543QDBRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC1543QDBRG4 Datasheet HTML 5Page - Texas Instruments TLC1543QDBRG4 Datasheet HTML 6Page - Texas Instruments TLC1543QDBRG4 Datasheet HTML 7Page - Texas Instruments TLC1543QDBRG4 Datasheet HTML 8Page - Texas Instruments TLC1543QDBRG4 Datasheet HTML 9Page - Texas Instruments TLC1543QDBRG4 Datasheet HTML 10Page - Texas Instruments TLC1543QDBRG4 Datasheet HTML 11Page - Texas Instruments TLC1543QDBRG4 Datasheet HTML 12Page - Texas Instruments TLC1543QDBRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TLC1542I,, TLC1542M,, TLC1542Q
TLC1542C, TLC1543C, TLC1543I, TLC1543Q
SLAS052G – MARCH 1992 – REVISED JANUARY 2006
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
NOM
MAX
UNIT
TLC1542C, TLC1543C
0
70
TLC1542I, TLC1543I
-40
85
TA
Operating free-air temperature,
°C
TLC1542Q, TLC1543Q
-40
125
TLC1542M
-55
125
over recommended operating free-air temperature range, V
CC = Vref+ = 4.5 V to 5.5 V, I/O CLOCK frequency = 2.1 MHz
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VCC = 4.5 V,
IOH = -1.6 mA
2.4
VOH
High-level output voltage
V
VCC = 4.5 V to 5.5 V,
IOH = -20 µA
VCC-0.1
VCC = 4.5 V,
IOL = 1.6 mA
0.4
VOL
Low-level output voltage
V
VCC = 4.5 V to 5.5 V,
IOL = 20 µA
0.1
Off-state
VO = VCC,
CS at VCC
10
IOZ
(high-impedance-state)
µA
VO = 0,
CS at VCC
-10
output current
IIH
High-level input current
VI = VCC
0.005
2.5
µA
IIL
Low-level input current
VI = 0
0.005
-2.5
µA
ICC
Operating supply current
CS at 0 V
0.8
2.5
mA
Selected channel leakage
Selected channel at VCC,
Unselected channel at 0 V
1
current TLC1542/TLC1543
µA
Selected channel at 0 V,
Unselected channel at VCC
-1
C, I, or Q
Selected channel at VCC,
Unselected channel at 0 V,
1
TA= 25°C
Selected channel at 0 V,
Selected channel leakage
Unselected channel at VCC,
-1
µA
TA = 25°C
current TLC1542M
Selected channel at VCC,
Unselected channel at 0 V
2.5
Selected channel at 0 V,
Unselected channel at VCC
-2.5
Maximum static analog
Vref+ = VCC,
Vref- = GND
10
µA
reference current into REF+
Analog
7
inputs
Input
Ci
pF
capacitance
Control
5
inputs
(1)
All typical values are at VCC = 5 V, TA = 25°C.
over recommended operating free-air temperature range, V
CC = Vref+ = 4.5 V to 5.5 V, I/O CLOCK frequency = 2.1 MHz
(unless otherwise noted)
TEST
MIN
TYP (1)
MAX
UNIT
CONDITIONS
TLC1542C, I, or Q
±0.5
LSB
EL
Linearity error, see (2))
TLC1543C, I, or Q
±1
LSB
TLC1542M
±1
LSB
(1)
All typical values are at TA = 25°C.
(2)
Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics.
9
Submit Documentation Feedback


Similar Part No. - TLC1543QDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1543QDBRG4 TI1-TLC1543QDBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLC1543QDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com