Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1408MPHPEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS1408MPHPEP
Description  14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1408MPHPEP Datasheet(HTML) 1 Page - Texas Instruments

  THS1408MPHPEP Datasheet HTML 1Page - Texas Instruments THS1408MPHPEP Datasheet HTML 2Page - Texas Instruments THS1408MPHPEP Datasheet HTML 3Page - Texas Instruments THS1408MPHPEP Datasheet HTML 4Page - Texas Instruments THS1408MPHPEP Datasheet HTML 5Page - Texas Instruments THS1408MPHPEP Datasheet HTML 6Page - Texas Instruments THS1408MPHPEP Datasheet HTML 7Page - Texas Instruments THS1408MPHPEP Datasheet HTML 8Page - Texas Instruments THS1408MPHPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
THS1408-EP
14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER
WITH INTERNAL REFERENCE AND PGA
SGLS129B − JULY 2002 − REVISED FEBRUARY 2010
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Features
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Extended Temperature Performance up to
−55
°C to 125°C
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product Change Notification
D Qualification Pedigree
D 14-Bit Resolution
D 3- and 8-MSPS Speed Grade
D Differential Nonlinearity (DNL) ±0.6 LSB Typ
Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification
testing should not be viewed as justifying use of this component
beyond specified performance and environmental limits.
D Integral Nonlinearity (INL) ±1.5 LSB Typ
D Internal Reference
D Differential Inputs
D Programmable Gain Amplifier
D μP-Compatible Parallel Interface
D Timing Compatible With TMS320C6000 DSP
D 3.3-V Single Supply
D Power-Down Mode
D Monolithic CMOS Design
Applications
D xDSL Front Ends
D Communication
D Industrial Control
D Instrumentation
D Automotive and Selected Military
14 15
WR
OE
DGND
DGND
CLK
DVDD
DVDD
D0
D1
D2
DVDD
DGND
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
IN−
AVDD
VBG
CML
REF+
REF−
AGND
AGND
DGND
OV
D13
D12
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PHP PACKAGE
(TOP VIEW)
NC − No internal connection
Copyright
© 2010, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - THS1408MPHPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1408MPHPEP TI-THS1408MPHPEP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
More results

Similar Description - THS1408MPHPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS14F01 TI-THS14F01 Datasheet
317Kb / 23P
[Old version datasheet]   14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
THS1401 TI1-THS1401_15 Datasheet
577Kb / 28P
[Old version datasheet]   14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com