Electronic Components Datasheet Search |
|
TLC4541IDGKR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TLC4541IDGKR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 28 page TLC4541, TLC4545 SLAS293 − DECEMBER 2001 4 www.ti.com absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage, GND to VDD −0.3 V to 6.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Analog input voltage range −0.3 V to VDD+0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reference input voltage VDD+0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Digital input voltage range −0.3 V to VDD+0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature range, TJ −40 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range: TA (I) −40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VDD 4.5 5 5.5 V Frequency, SCLK VDD = 2.7 V to 5.5 V 100 15000 kHz Tolerable clock jitter, SCLK VDD = 2.7 V to 5.5 V 24 ps Aperature jitter VDD = 2.7 V to 5.5 V 100 ps External reference voltage input, VREF 4 VDD V VREF input impedance VDD = 5 V, CS = 1, SCLK = 0 100 M Ω VREF input impedance VDD = 5 V, CS = 0, SCLK = 15 MHz 20 25 k Ω External reference input current VDD = VREF = 4.5 V, CS=0, SCLK = 15 MHz 0.02 1 mA Analog input voltage AIN, AIN(+) 0 VDD V Analog input voltage AIN(−) −0.2 0.2 V High level control input voltage, VIH 2.1 V Low level control input voltage, VIL 0.8 V Operating free-air temperature, TA TLC4541/45I −40 85 °C |
Similar Part No. - TLC4541IDGKR |
|
Similar Description - TLC4541IDGKR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |