Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR339-4-682 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR339-4-682
Description  SELF-LEADED SMD INDUCTOR DR339-4 SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR339-4-682 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR339-4-682 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 4, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
2
1
339-4
XXX
.574
14,60
.590 MAX.
15,00
.874 MAX.
22,20
.307 MAX.
7,80
.393
10,00
.531
13,50
.169
4,30
SUGGESTED PAD LAYOUT
ELECTRICAL SPECIFICATIONS AT 25°C
Part No.
Inductance (
H)
DCR
(
) Max.
I rms (A)
Max. (Note 3)
I sat (A)
Max. (Note 2)
DR339-4-471
0.47 +40/-20%
0.002
19.2
51.7
DR339-4-102
1.0 +40/-20%
0.003
17.3
37.8
DR339-4-152
1.5 +40/-20%
0.004
13.4
28.9
DR339-4-222
2.2
20%
0.005
12.0
23.7
DR339-4-332
3.3
20%
0.006
11.0
20.2
DR339-4-472
4.7
20%
0.010
8.6
15.6
DR339-4-682
6.8
20%
0.015
8.3
14.1
DR339-4-103
10
20%
0.020
6.8
11.5
DR339-4-153
15
20%
0.030
5.5
9.1
DR339-4-223
22
20%
0.040
4.5
7.6
DR339-4-333
33
20%
0.060
3.7
6.1
DR339-4-473
47
20%
0.074
3.1
5.2
DR339-4-683
68
20%
0.120
2.4
4.3
DR339-4-104
100
20%
0.170
2.0
3.6
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in inches/millimeter “mm”
Unless otherwise specified, tolerance = Inches: ± 0.010
= Millemeters: ± 0,30
2.
Isat based on the inductance being 70% of it initial value
3.
Irms based on 40C temperature rise
4.
Tape and reel quantity, 250 pcs/reel
5.
Terminal finish is compliant to RoHS requirements
6.
Solder in accordance with J-STD-002 Rev. D
7.
Non-RoHS series parts 42-339-4-XXX are finished with leaded solder Sn60Pb40 or equivalent
SELF-LEADED SMD INDUCTOR DR339-4 SERIES
Features
Surface Mount Design
Inductance Range from 0.47µH to 100µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 7)


Similar Part No. - DR339-4-682

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR339-4-682 DATATRONICS-DR339-4-682 Datasheet
76Kb / 1P
   SELF-LEADED SMD INDUCTOR
More results

Similar Description - DR339-4-682

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR339-1 DATATRONICS-DR339-1_14 Datasheet
76Kb / 1P
   SELF-LEADED SMD INDUCTOR DR339-1 SERIES
DR339-3 DATATRONICS-DR339-3_14 Datasheet
95Kb / 1P
   SELF-LEADED SMD INDUCTOR DR339-3 SERIES
DR339-2 DATATRONICS-DR339-2_14 Datasheet
101Kb / 1P
   SELF-LEADED SMD INDUCTOR DR339-2 SERIES
DR339-1-471 DATATRONICS-DR339-1-471 Datasheet
80Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR339-4-471 DATATRONICS-DR339-4-471 Datasheet
76Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR341-260 DATATRONICS-DR341-260 Datasheet
146Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR343-180 DATATRONICS-DR343-180 Datasheet
148Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR344-170 DATATRONICS-DR344-170 Datasheet
156Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR338-100 DATATRONICS-DR338-100 Datasheet
112Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR339-2-471 DATATRONICS-DR339-2-471 Datasheet
106Kb / 1P
   SELF-LEADED SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com