Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM102 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FM102
Description  1.0A Surface Mount Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FM102 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FM102 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FM102 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
Rating and characteristic curves (FM101 THRU FM107)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.2
0.4
0.6
0.8
1.0
1.2
35
30
25
20
15
10
5
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
3.0
AMBIENT TEMPERATURE ( C)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
T =25 C
J
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
10
0
20
30
40
50
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0
20
40
60
80
100
120
140
160
180
200
0
FM101 - FM107
1.0A Surface Mount Fast Recovery Rectifiers


Similar Part No. - FM102

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
FM102 LUGUANG-FM102 Datasheet
184Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
logo
Frontier Electronics.
FM102-LFR FRONTIER-FM102-LFR Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
FM1020 FORMOSA-FM1020 Datasheet
69Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM1020-T FORMOSA-FM1020-T Datasheet
78Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
FM1020-T1 PACELEADER-FM1020-T1 Datasheet
256Kb / 2P
   SILICON EPITAXIAL PLANCE TYPE
More results

Similar Description - FM102

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
FFM101 TGS-FFM101 Datasheet
162Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FM101 LUGUANG-FM101 Datasheet
184Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM103 LUGUANG-FM103 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM105 LUGUANG-FM105 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM101 LUGUANG-FM101 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM104 LUGUANG-FM104 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
FM106 LUGUANG-FM106 Datasheet
152Kb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Foster Semicon...
FFM101AG FOSTER-FFM101AG Datasheet
1Mb / 2P
   1.0A Surface Mount Fast Recovery Rectifiers-50-1000V
logo
PACELEADER INDUSTRIAL
PFFM101-M PACELEADER-PFFM101-M Datasheet
537Kb / 3P
   1.0A Surface Mount Fast Recovery Rectifiers -50V - 1000V
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
   1.0A Surface Mount Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com