Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER07E Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ER07E
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ER07E Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ER07E Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ER07E Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Glass passivated device
Ideal for surface mounted applications
Low leakage current
Metallurgically bonded construction
High temperature soldering:
250℃/10 seconds at terminals
Case:JEDEC SOD-123FL,molded plastic over
passivated chip
Polarity: Color band denotes cathode end
Weight: 0.003 ounces, 0.01 gram
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
ER
07A
ER
07C
ER
07D
ER
07E
ER
07G
ER
07H
ER
07J
VRRM
50
150
200
300
400
500
600
V
VRMS
35
105
140
210
280
350
420
V
VDC
50
150
200
300
400
500
600
V
trr
ns
Tj
TSTG
NOTES:1.Pulse test:300ms pulse width,1% duty cycle.
2.Measured with IF=0.5A, IR=1A, Irr=0.25A.
µA
at rated DC blocking voltage @TA=125℃
5.0
150
VF
0.95
1.25
1.7
70
100
REVERSE VOLTAGE: 50 - 600 V
CURRENT: 1.0 A
SOD - 123FL
Maximum recurrent peak reverse voltage
35
1.0
20
Maximum average forward
rectified current
TA=65℃
Peak forward surge current 8.3ms single
half-sine-wave superimposed
IFSM
UNITS
A
V
100
A
I(AV)
ER
07B
Maximum reverse recovery time (NOTE 2)
Maximum RMS voltage
Maximum DC blocking voltage
Operating temperature range
Storage temperature range
on rated load
TL=25℃
- 55 --- + 150
- 55 --- + 150
Maximum DC reverse current @TA=25℃
IR
Maximum instantaneous (NOTE 1)
forward voltage at 1.0A
Device marking
E1
E2
E3
E4
E5
E6
E7
E8
Dimensions in millimeters
ER07A-ER07J
Surface Mount Rectifiers
Features
Mechanical Data


Similar Part No. - ER07E

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ER07E BILIN-ER07E Datasheet
235Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Taychipst Elec...
ER07E TAYCHIPST-ER07E Datasheet
1Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
ER07E LUGUANG-ER07E Datasheet
220Kb / 2P
   Surface Mount Rectifiers
logo
Microdiode Electronics ...
ER07E CHENDA-ER07E Datasheet
588Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SUNMATE electronic Co.,...
ER07E SUNMATE-ER07E Datasheet
328Kb / 2P
   SUFACE MOUNT SUPER FAST RECTIFIER DIODE
More results

Similar Description - ER07E

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com