Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYM11-1000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYM11-1000
Description  Surface Mount Glass Passivated Junction Fast Switching Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM11-1000 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYM11-1000 Datasheet HTML 1Page - Vishay Siliconix BYM11-1000 Datasheet HTML 2Page - Vishay Siliconix BYM11-1000 Datasheet HTML 3Page - Vishay Siliconix BYM11-1000 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number 88547
26-Jun-06
www.vishay.com
3
BYM11-50 thru BYM11-1000, RGL41A thru RGL41M
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
Tj = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage (%)
Tj = 100 °C
Tj = 25 °C
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
1
10
100
1
10
100
Reverse Voltage (V)
Tj = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
Mounted on 0.20 x 0.27" (5 x 7 mm)
Copper Pad Areas
t - Pulse Duration (s)
SOLDERABLE ENDS
1st BAND
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185(4.7)
D1 =
0.105
0.095
(2.67)
(2.41)
D2 = D1
+ 0
- 0.008 (0.20)
D2
0.022 (0.56)
0.018 (0.46)
DO-213AB
0.138 MAX
(3.5) MAX
0.049 MIN
(1.25) MIN
0.118 MIN
(3.0) MIN
0.238 (6.0)
REF
Mounting Pad Layout
1st band denotes type and positive end (cathode)


Similar Part No. - BYM11-1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM11-1000 VISHAY-BYM11-1000 Datasheet
111Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Apr-08
BYM11-1000 VISHAY-BYM11-1000 Datasheet
86Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
More results

Similar Description - BYM11-1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
RGL41X VISHAY-RGL41X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
RGL34J-E3 VISHAY-RGL34J-E3 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
30-Jun-06
RGL34K-E3-98 VISHAY-RGL34K-E3-98 Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
logo
GOOD-ARK Electronics
GRN3 GOOD-ARK-GRN3 Datasheet
170Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGF1A VISHAY-RGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1 VISHAY-RGF1 Datasheet
35Kb / 2P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
RGF1A VISHAY-RGF1A_V01 Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Junction Fast Switching Rectifier
01-Jan-2022
BYM11-50 VISHAY-BYM11-50_08 Datasheet
111Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Apr-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com