Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYM12-300 Datasheet(PDF) 1 Page - General Semiconductor

Part # BYM12-300
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BYM12-300 Datasheet(HTML) 1 Page - General Semiconductor

  BYM12-300 Datasheet HTML 1Page - General Semiconductor BYM12-300 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYM12-50 THRU BYM12-400
EGL41A THRU EGL41G
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
Reverse Voltage - 50 to 400 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ Capable of meeting environmental standards of MIL-S-19500
♦ For surface mount applications
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
450°C/5 seconds at terminals. Complete device submersible
temperature of 260°C for 10 seconds in solder bath
MECHANICAL DATA
Case: JEDEC DO-213AB molded plastic over glass body
Terminals: Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity: Two bands indicate cathode end -1st band denotes device
type and 2nd band denotes repetitive peak reverse voltage rating
Mounting Position: Any
Weight: 0.116 ounce, 0.0046 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
BYM12
BYM12
BYM12
BYM12
BYM12
BYM12
SYMBOLS
-50
-100
-150
-200
-300
-400
UNITS
Fast efficient device: 1st band is green
EGL41A
EGL41B
EGL41C
EGL41D
EGL41F
EGL41G
Polarity color bands (2cnd band)
GRAY
RED
PINK
ORANGE BROWN YELLOW
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
Volts
Maximum RMS voltage
VRMS
35
70
105
140
210
280
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
Volts
Maximum average forward rectified current at TT=75°C
I(AV)
1.0
Amp
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC Method)
IFSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
VF
1.0
1.25
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=125°C
IR
50.0
µA
Maximum reverse recovery time (NOTE 1)
trr
50.0
ns
Typical junction capacitance (NOTE 2)
CJ
20.0
14.0
pF
Maximum thermal resistance (NOTE 3)
R
ΘJA
60.0
(NOTE 4)
R
ΘJT
30.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal
(4) Thermal resistance from junction to terminal, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal
SOLDERABLE ENDS
1st BAND
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185(4.7)
D1=
0.105
0.095
(2.67)
(2.41)
D2 = D1 + 0
- 0.008 (0.20)
1st band denotes type and positive end (cathode)
D2
DO-213AB
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation is covered by
Patent No. 3,996,602 and brazed-lead assembly to Patent No. 3,930,306
2cnd BAND


Similar Part No. - BYM12-300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM12-300 VISHAY-BYM12-300 Datasheet
109Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 27-Aug-07
BYM12-300 VISHAY-BYM12-300 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results

Similar Description - BYM12-300

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYM07-50 GE-BYM07-50 Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Zowie Technology Corpor...
EGF30A ZOWIE-EGF30A Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGF20AH ZOWIE-EGF20AH Datasheet
60Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
UGF10A ZOWIE-UGF10A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFACE EFFICIENT RECTIFIER
UGF15A ZOWIE-UGF15A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF20A ZOWIE-UGF20A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
BYD187Z ZOWIE-BYD187Z Datasheet
98Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
SUGC10DH ZOWIE-SUGC10DH Datasheet
70Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
UGF30A ZOWIE-UGF30A Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
EGF30AH ZOWIE-EGF30AH Datasheet
63Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com