Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4129-A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4129-A
Description  Evaluation board
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4129-A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4129-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4129-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4129-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4129-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4129-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4129-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4129-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4129-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4129-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
[AKD4129-A]
<KM103600>
2010/06
- 1 -
AKD4129-Aは、ディジタルサンプルレートコンバータAK4129の評価用ボードです。ディジタルオーデ
ィオインタフェースに対応しており、光コネクタを介してディジタルオーディオ機器と接続可能です。
オーダリングガイド
AKD4129-A
---
AK4129評価用ボード
(IBM-AT互換機のプリンタポートとの接続用ケーブルとコントロールソフトを同梱。
Windows NT上ではコントロールソフトは動作しません。)
• DIT, DIRにより、光 or COAX入出力が可能
• 外部接続用10ピンヘッダー
O pt In
AK4114
(DIR)
10pi n
Header
+5V
GND
Opt Out
AK4114
(DIT )
10pi n
Header
AK4129
COAX
Regu lator
CO AX
O pt In
AK4114
(DIR)
10pi n
Header
COAX
O pt In
AK4114
(DIR)
10pi n
Header
COAX
DVDD
AVDD
Regu lator
Regu lator
D3.3V-1
D3.3V-2
10pi n
Header
(I
2C)
Figure 1. AKD4129-Aブロック図
* 回路図、パターン図は文末に添付。
AKD4129-A
AK4129 評価用ボード Rev.0


Similar Part No. - AKD4129-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4129 AKM-AKD4129 Datasheet
726Kb / 50P
   6ch 216kHz / 24-Bit Asynchronous SRC
More results

Similar Description - AKD4129-A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com