Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7405 Datasheet(PDF) 19 Page - C&K Components

Part # 7405
Description  Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7405 Datasheet(HTML) 19 Page - C&K Components

Back Button 7405 Datasheet HTML 14Page - C&K Components 7405 Datasheet HTML 15Page - C&K Components 7405 Datasheet HTML 16Page - C&K Components 7405 Datasheet HTML 17Page - C&K Components 7405 Datasheet HTML 18Page - C&K Components 7405 Datasheet HTML 19Page - C&K Components 7405 Datasheet HTML 20Page - C&K Components 7405 Datasheet HTML 21Page - C&K Components 7405 Datasheet HTML 22Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
7000 Series
Miniature Rocker & Lever Handle Switches
AVAILABLE HARDWARE
TYPICAL ASSEMBLY
SCREW
PANEL THICKNESS
STAND-OFF
LOCKWASHER
NUT
STAND-OFF
LENGTH
Panel mounting hardware for rocker and lever handle switches is
available separately. Mounting hardware consists of two screws,
two nuts, two standoffs and two lockwashers per switch, and is
available for panel thicknesses of 1/16, 3/32 and 1/8 inch.
See part numbers below.
J1 & J2 actuators
J10 actuators
J3 actuators
PART NO.
PANEL THK.
STANDOFF LENGTH
761103000
1/8 IN. (3,18)
.233 (5,92)
PART NO.
PANEL THK.
STANDOFF LENGTH
770703000
1/8 IN. (3,18)
.233 (5,92)
PART NO.
PANEL THK.
STANDOFF LENGTH
770603000
1/8 IN. (3,18)
.233 (5,92)
MATERIAL
Screws, nuts, lockwashers: Stainless steel. Standoffs: Nylon, standard.
J1, J11, J15 & J16 Actuators
PART NO.
776A01000 WHITE
776A02263 BLACK
776A03000 RED
Material: Nylon
Finish: Matte
J50, J51 & J52 Actuators
PART NO.
775A01000 WHITE
775A02263 BLACK
775A03000 RED
Material: Nylon
Finish: Matte
J60, J61 & J62 Actuators
PART NO.
598101000
WHITE
613802263
BLACK
598103000
RED
Material: Nylon
Finish: Matte
J8 Actuator
PART NO.
488701000
WHITE
488702263
BLACK
488703000
RED
Material: Nylon
Finish: Matte
J2, J21, J25 & J26 Actuators
PART NO.
426D01000 WHITE
426D02263 BLACK
426D03000 RED
Material: Nylon
Finish: Matte
J3 & J37 Actuators
PART NO.
431D01000 WHITE
431D02263 BLACK
431D03000 RED
Material: Nylon
Finish: Matte
G–22
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
G


Similar Part No. - 7405

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7405 ETC2-7405 Datasheet
222Kb / 1P
   3/4 DIAMETER WIRE-WOUND, MULTI-TURN
logo
Heyco.
7405 HEYCO-7405 Datasheet
90Kb / 1P
   Female Pin Connectors
logo
List of Unclassifed Man...
74050 ETC2-74050 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
logo
Myrra
74050 MYRRA-74050 Datasheet
261Kb / 1P
   FLYBACK TRANSFORMER
logo
Molex Electronics Ltd.
74057-1001 MOLEX8-74057-1001 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module
More results

Similar Description - 7405

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1ZQE CK-COMPONENTS-7201J1ZQE Datasheet
1Mb / 22P
   7000 Series Miniature Rocker Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com