Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4183 Datasheet(PDF) 16 Page - Asahi Kasei Microsystems

Part # AK4183
Description  I2C Touch Screen Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4183 Datasheet(HTML) 16 Page - Asahi Kasei Microsystems

Back Button AK4183 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4183 Datasheet HTML 18Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
[AK4183]
MS0500-J-01
2008/12
16
パッケージ
10pin TMSOP 0.5mm pitch
(Unit : mm)
2.9±0.2
0.5
0.127
+0.1
-0.05
1
5
6
10
0.2±0.1
0~10
°
材質・メッキ仕様
パッケージ材質: エポキシ系樹脂
リードフレーム材質 : Cu
リードフレーム処理: Sn - Bi(無鉛)


Similar Part No. - AK4183

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
168Kb / 17P
   I2C Touch Screen Controller
AK4183 AKM-AK4183 Datasheet
238Kb / 18P
   I2C Touch Screen Controller
AK4183KT AKM-AK4183KT Datasheet
238Kb / 18P
   I2C Touch Screen Controller
AK4183VT AKM-AK4183VT Datasheet
168Kb / 17P
   I2C Touch Screen Controller
AK4183VT AKM-AK4183VT Datasheet
238Kb / 18P
   I2C Touch Screen Controller
More results

Similar Description - AK4183

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2003 TI-TSC2003 Datasheet
418Kb / 22P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183_08 Datasheet
238Kb / 18P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003-Q1 TI1-TSC2003-Q1 Datasheet
548Kb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4183 AKM-AK4183 Datasheet
168Kb / 17P
   I2C Touch Screen Controller
logo
Texas Instruments
TSC2003 TI1-TSC2003_16 Datasheet
1Mb / 28P
[Old version datasheet]   I2C TOUCH SCREEN CONTROLLER
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com