Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4145 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AK4145
Description  Digital BTSC Stereo Encoder
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4145 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AK4145 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4145 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4145 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4145 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4145 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4145 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4145 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4145 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4145 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
[AK4145]
MS0982-E-01
2010/09
- 13 -
Input Level to BTSC Encoder
The AK4145 is designed to be 100% modulation of L+R signal when L=R= 50% (approx. -6dBFS) signal data is input. In
addition to this -6dBFS, the BTSC standard contains the pre-emphasis filter. To prevent the clipping in a BTSC encoder
of the AK4145, following maximum input levels are recommended. The input data can be attenuated by controlling the
Stereo Volume Control registers (L7-0, R7-0 bits).
Frequency[Hz]
Maximum Input Level
to BTSC Encoder[dBFS]
20~1000
-7
2500
-10
5000
-14
8000
-15
13000
-22
Table 7. Maximum Input Level to BTSC Encoder
Stereo Volume Control (DVOL)
The AK4145 has a stereo digital volume control (DVOL. 256 levels, 0.5dB step, Mute). The L7-0, R7-0 bits control the
gain. The gain ranges from +31.0dB to –96.0dB, or MUTE. When the VOLC bit = “1” (default), the L7-0 bits control gain
for both Lch and Rch. When the VOLC bit = “0”, the L7-0 bits control gain for Lch and R7-0 bits control gain for Rch.
This volume has a soft transition function. When changing levels, transitions are executed in soft changes; thus no
switching noise occurs during these transitions. The transition time of 1 level and all levels are shown in Table 8. In
parallel control mode, volume control is fixed to 0dB.
DVOL Transition Time
1 Level
0dB to -96dB
+31.0dB to -96dB
4LRCK
768LRCK
1016LRCK
Table 8. DVOL Transition Time
L7-0
Gain
00H
+31.0dB
01H
+30.5dB
:
:
3DH
+0.5dB
3EH
0dB
(default)
3FH
-0.5dB
:
FDH
-95.5dB
FEH
-96.0dB
FFH
MUTE (-
∞)
Table 9. Lch Digital Volume
R7-0
Gain
00H
+31.0dB
01H
+30.5dB
:
:
3DH
+0.5dB
3EH
0dB
(default)
3FH
-0.5dB
:
FDH
-95.5dB
FEH
-96.0dB
FFH
MUTE (-
∞)
Table 10. Rch Digital Volume


Similar Part No. - AK4145

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
AK4145ET AKM-AK4145ET Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
More results

Similar Description - AK4145

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
logo
Analog Devices
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD1970 AD-AD1970 Datasheet
449Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
Freescale Semiconductor...
MC44C404 FREESCALE-MC44C404 Datasheet
370Kb / 11P
   Stereo Encoder
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com