Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A5223 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A5223
Description  0.45廓 Dual SPDT Bidirectional Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A5223 Datasheet(HTML) 4 Page - Texas Instruments

  TS3A5223 Datasheet HTML 1Page - Texas Instruments TS3A5223 Datasheet HTML 2Page - Texas Instruments TS3A5223 Datasheet HTML 3Page - Texas Instruments TS3A5223 Datasheet HTML 4Page - Texas Instruments TS3A5223 Datasheet HTML 5Page - Texas Instruments TS3A5223 Datasheet HTML 6Page - Texas Instruments TS3A5223 Datasheet HTML 7Page - Texas Instruments TS3A5223 Datasheet HTML 8Page - Texas Instruments TS3A5223 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
2.5
3
3.5
Vin(V)
-40C
25C
85C
C003
C003
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
2.5
3
3.5
4
Vin(V)
-40C
25C
85C
C003
C003
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.5
1
1.5
2
Vin(V)
-40C
25C
85C
C003
C003
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.5
1
1.5
2
2.5
Vin(V)
-40C
25C
85C
C003
C003
TS3A5223
SCDS339A – JANUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 2. On-Resistance vs. Switch Input Voltage at
Figure 3. On-Resistance vs. Switch Input Voltage at
VCC=1.8V
VCC=2.3V
Figure 4. On-Resistance vs. Switch Input Voltage at
Figure 5. On-Resistance vs. Switch Input Voltage at
VCC=3.0V
VCC=3.6V
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3A5223


Similar Part No. - TS3A5223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
TS3A5223RSWR TI-TS3A5223RSWR Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
More results

Similar Description - TS3A5223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Texas Instruments
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com