Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR339-2-102 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR339-2-102
Description  SELF-LEADED SMD INDUCTOR DR339-2 SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR339-2-102 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR339-2-102 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 4, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
2.3
PCB PAD LAYOUT (REF.)
9.5
13.2 Max.
6.0 Max.
FRONT VIEW
9.9 Max.
TOP VIEW
339-2
XXX
1
2
SCHEMATIC
2
4.5
1
2.3
6.5
9.0
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance (
H)
DCR
(
) Max.
RATED CURRENT
(A) Max.
I sat
(A) Max.
DR339-2-471
0.47 +40%/-20%
0.005
10.6
11.4
DR339-2-102
1.0 +40%/-20%
0.007
9.3
9.9
DR339-2-152
1.5 +40%/-20%
0.009
8.3
7.9
DR339-2-222
2.2
 20%
0.011
7.2
6.1
DR339-2-332
3.3
 20%
0.013
6.5
5.1
DR339-2-472
4.7
 20%
0.017
5.5
4.2
DR339-2-682
6.8
 20%
0.021
5.0
3.6
DR339-2-103
10.0
 20%
0.028
4.3
3.3
DR339-2-153
15.0
 20%
0.041
3.5
2.4
DR339-2-223
22.0
 20%
0.062
2.8
2.0
DR339-2-333
33.0
 20%
0.092
2.1
1.7
DR339-2-473
47.0
 20%
0.139
1.7
1.4
DR339-2-683
68.0
 20%
0.179
1.5
1.2
DR339-2-104
100.0
 20%
0.271
1.4
0.95
DR339-2-154
150.0
 20%
0.424
1.1
0.78
DR339-2-224
220.0
 20%
0.636
0.93
0.62
DR339-2-334
330.0
 20%
0.977
0.76
0.51
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.2mm, unless other specified
3.
Inductance Test: 100kHz, 0.25Vrms
4.
Irms for an approximate 45C temperature rise
5.
ISAT for an approximate 20% drop maximum of the nominal value
6.
Tape and reel quantity, 500 pcs/reel
7.
Terminal finish is compliant to RoHS requirements
8.
Solder in accordance with J-STD-002 Rev. D
9.
Non-RoHS series parts 42-339-2-XXX are finished with leaded solder Sn60Pb40 or equivalent
SELF-LEADED SMD INDUCTOR DR339-2 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 0.47µH to 330µH
Operating Temp. -40°C to +85C
Tinned Leads with Leaded Solder is Available (note 9)


Similar Part No. - DR339-2-102

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR339-2-102 DATATRONICS-DR339-2-102 Datasheet
106Kb / 1P
   SELF-LEADED SMD INDUCTOR
More results

Similar Description - DR339-2-102

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR339-1 DATATRONICS-DR339-1_14 Datasheet
76Kb / 1P
   SELF-LEADED SMD INDUCTOR DR339-1 SERIES
DR339-3 DATATRONICS-DR339-3_14 Datasheet
95Kb / 1P
   SELF-LEADED SMD INDUCTOR DR339-3 SERIES
DR339-4 DATATRONICS-DR339-4_14 Datasheet
72Kb / 1P
   SELF-LEADED SMD INDUCTOR DR339-4 SERIES
DR339-1-471 DATATRONICS-DR339-1-471 Datasheet
80Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR339-4-471 DATATRONICS-DR339-4-471 Datasheet
76Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR341-260 DATATRONICS-DR341-260 Datasheet
146Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR343-180 DATATRONICS-DR343-180 Datasheet
148Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR344-170 DATATRONICS-DR344-170 Datasheet
156Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR338-100 DATATRONICS-DR338-100 Datasheet
112Kb / 1P
   SELF-LEADED SMD INDUCTOR
DR339-2-471 DATATRONICS-DR339-2-471 Datasheet
106Kb / 1P
   SELF-LEADED SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com