Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A12301E Datasheet(PDF) 10 Page - Texas Instruments

Part # TS5A12301E
Description  IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A12301E Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS5A12301E_14 Datasheet HTML 6Page - Texas Instruments TS5A12301E_14 Datasheet HTML 7Page - Texas Instruments TS5A12301E_14 Datasheet HTML 8Page - Texas Instruments TS5A12301E_14 Datasheet HTML 9Page - Texas Instruments TS5A12301E_14 Datasheet HTML 10Page - Texas Instruments TS5A12301E_14 Datasheet HTML 11Page - Texas Instruments TS5A12301E_14 Datasheet HTML 12Page - Texas Instruments TS5A12301E_14 Datasheet HTML 13Page - Texas Instruments TS5A12301E_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
V
(V)
COM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
1.1
2.3
3.4
4.5
T =25°C
A
T =85°C
A
T = –40°C
A
V
(V)
COM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
1.1
2.3
3.4
4.5
T = –40°C
A
T =25°C
A
T =85°C
A
( C)
°
V
(V)
COM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
1.1
2.3
3.4
4.5
T =85°C
A
T =25°C
A
T = –40°C
A
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
1.0
2.0
3.0
4.0
5.0
V (V)
+
Control input (IN) low
Control input (IN) high
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
V
(V)
IN
V
=3V
+
V
=3.6V
+
V
=2.75V
+
V
=4.5V
+
V
=5.5V
+
V
=2.25V
+
TS5A12301E
SCES707B
– AUGUST 2008 – REVISED APRIL 2011
www.ti.com
TYPICAL PERFORMANCE
Figure 2. ron vs VCOM (V+ = 2.25 V)
Figure 3. ron vs VCOM (V+ = 3 V)
Figure 4. ron vs VCOM (V+ = 4.5 V)
Figure 5. Leakage Current vs Temperature (V+ = 5 V)
Figure 6. I+ vs V+ (TA = 25°C)
Figure 7. Control Input Thresholds
10
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - TS5A12301E_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results

Similar Description - TS5A12301E_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com