Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC-3M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC-3M
Description  Metal Enclosures
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC-3M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC-3M Datasheet HTML 1Page - List of Unclassifed Manufacturers RC-3M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Metal Enclosures
Page <2>
11/07/09 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC Multicomp is the registered trademark of the Group. © Premier Farnell plc 2009.
Specification Table
Dimensions
Metal
1 Hole
(inch/mm)
2 Hole
(inch/mm)
3 Hole
(inch/mm)
H
2.1/51
2.1/51
2.1/51
W
2.68/68
2.68/68
2.68/68
L
2.91/74
4.13/105
5.28/134
W1
2.13/54
2.13/54
2.13/54
L1
1.31/46
3.07/78
4.25/108
Description
No of Holes
Colour
Part Number
Lid
Base
22mm Switches 1 Hole Metal Enc
1
Yellow
Black
RC-1M
22mm Switches 2 Hole Metal Enc
2
Grey
RC-2M
22mm Switches 3 Hole Metal Enc
3
RC-3M


Similar Part No. - RC-3M

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RC-3MTS-18 MINI-RC-3MTS-18 Datasheet
1Mb / 11P
   RF Transfer Switch Matrix
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
   Millimeter Wave Switch Matrix
REV. A
More results

Similar Description - RC-3M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-JJB-RA ETC2-ANT-2.4-JJB-RA Datasheet
193Kb / 1P
   Use with plastic* or metal enclosures
ANT-315-CW-HD ETC2-ANT-315-CW-HD Datasheet
152Kb / 1P
   Use with plastic* or metal enclosures
ANT-315-CW-RAH ETC2-ANT-315-CW-RAH Datasheet
130Kb / 1P
   Use with plastic* or metal enclosures
ANT-2.4-PW-QW ETC2-ANT-2.4-PW-QW Datasheet
185Kb / 1P
   Use with plastic or metal enclosures
logo
ABB
SR2 ABB-SR2 Datasheet
832Kb / 6P
   Metal enclosures for automation and distribution
logo
List of Unclassifed Man...
M28 ETC2-M28 Datasheet
331Kb / 2P
   Available in plastic and stud-mount metal enclosures
M38 ETC2-M38 Datasheet
331Kb / 2P
   Available in plastic and stud-mount metal enclosures
logo
Laird Tech Smart Techno...
S8XXXB LSTD-S8XXXB Datasheet
903Kb / 1P
   Fiberglass enclosures
logo
Hammond Manufacturing L...
1590N1 HAMMOND-1590N1 Datasheet
215Kb / 1P
   Enclosures Box
logo
PHOENIX CONTACT
3778 PHOENIX-3778 Datasheet
2Mb / 12P
   Electronic enclosures
2018-04-26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com