Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A22366 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A22366
Description  0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22366 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A22366 Datasheet HTML 1Page - Texas Instruments TS5A22366 Datasheet HTML 2Page - Texas Instruments TS5A22366 Datasheet HTML 3Page - Texas Instruments TS5A22366 Datasheet HTML 4Page - Texas Instruments TS5A22366 Datasheet HTML 5Page - Texas Instruments TS5A22366 Datasheet HTML 6Page - Texas Instruments TS5A22366 Datasheet HTML 7Page - Texas Instruments TS5A22366 Datasheet HTML 8Page - Texas Instruments TS5A22366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TS5A22366
www.ti.com
SCDS262B – JANUARY 2009 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
V+ = 2.25 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM,
V+ – 5.5
V+
range
VNO, VNC
VNC or VNO = V+, 1.5 V,
25°C
1
1.8
ON-state
Switch ON,
ron
V+ – 5.5 V
2.25 V
resistance
See Figure 15
Full
2
ICOM = –100 mA,
ON-state
25°C
0.05
1
resistance match
VNC or VNO = 1.5 V,
Switch ON,
Δron
2.25 V
between
ICOM = –100 mA,
See Figure 15
Full
1
channels
ON-state
VNC or VNO = V+, 1.5 V,
25°C
0.53
1.5
Switch ON,
resistance
ron(flat)
V+ – 5.5 V
2.25 V
See Figure 16
Full
1.6
flatness
ICOM = –100 mA,
VNC = 2.25, V+ – 5.5 V
25°C
–50
50
VCOM = V+ – 5.5 V,
2.25,
NC, NO
VNO = Open,
INC(OFF),
Switch OFF,
OFF leakage
or
2.7 V
nA
INO(OFF)
See Figure 16
Full
–375
375
current
VNO = 2.25, V+ – 5.5 V
VCOM = V+ – 5.5 V,
2.25,
VNC = Open,
COM
25°C
–50
50
VNC and VNO = Open,
ON leakage
ICOM(ON)
See Figure 17
2.7 V
nA
VCOM = V+,V+ – 5.5 V,
Full
–375
375
current
Digital Control Inputs (IN, EN)(2)
Input logic high
VIH
Full
1.05
5.5
V
Input logic low
VIL
Full
0.65
V
25°C
–700
700
Input leakage
IIH, IIL
VIN = 1.8 V or GND
2.7 V
nA
current
Full
–700
700
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS5A22366


Similar Part No. - TS5A22366

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22366 TI-TS5A22366 Datasheet
536Kb / 21P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI-TS5A22366 Datasheet
896Kb / 25P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366YFCR TI-TS5A22366YFCR Datasheet
536Kb / 21P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI-TS5A22366_15 Datasheet
896Kb / 25P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
More results

Similar Description - TS5A22366

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22366 TI-TS5A22366 Datasheet
536Kb / 21P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI-TS5A22366_15 Datasheet
896Kb / 25P
[Old version datasheet]   0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com