Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB551SS-30 Datasheet(PDF) 3 Page - Rohm

Part # RB551SS-30
Description  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB551SS-30 Datasheet(HTML) 3 Page - Rohm

  RB551SS-30 Datasheet HTML 1Page - Rohm RB551SS-30 Datasheet HTML 2Page - Rohm RB551SS-30 Datasheet HTML 3Page - Rohm RB551SS-30 Datasheet HTML 4Page - Rohm RB551SS-30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB551SS-30
 
0
5
10
15
20
25
30
AVE:13.6A
IFSM DISPERSION MAP
8.3ms
IFSM
1cyc.
0
5
10
15
20
IF=0.1A
IR=0.1A
Irr=0.10×IR
Tj=25°C
AVE:6.7ns
trr DISPERSION MAP
1
10
100
1
10
100
8.3ms
IFSM
1cyc
8.3ms
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
1
10
100
1
10
100
time
IFSM
TIME:t(ms)
IFSM-t CHARACTERISTICS
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
On glass-epoxy substrate
soldering land 50mm
TIME:t(s)
Rth-t CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0
0.2
0.4
0.6
0.8
1
D.C.
D=1/2
Sin(θ=180)
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
3/4
2011.10 - Rev.A


Similar Part No. - RB551SS-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB551SS-30 ROHM-RB551SS-30 Datasheet
1Mb / 5P
   Schottky Barrier Diode
RB551SS-30 ROHM-RB551SS-30 Datasheet
564Kb / 8P
   Schottky Barrier Diode
RB551SS-30 ROHM-RB551SS-30_15 Datasheet
564Kb / 8P
   Schottky Barrier Diode
More results

Similar Description - RB551SS-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com