Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3431-Z Datasheet(PDF) 2 Page - NEC

Part # 2SK3431-Z
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3431-Z Datasheet(HTML) 2 Page - NEC

  2SK3431-Z Datasheet HTML 1Page - NEC 2SK3431-Z Datasheet HTML 2Page - NEC 2SK3431-Z Datasheet HTML 3Page - NEC 2SK3431-Z Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary Data Sheet D14600EJ1V0DS00
2
2SK3431
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 42 A4.5
5.6
m
RDS(on)2
VGS = 4 V, ID = 42 A6.2
8.9
m
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 42 A30
60
S
Drain Leakage Current
IDSS
VDS = 40 V, VGS = 0 V10
µ A
Gate to Source Leakage Current
IGSS
VGS = ±20 V, VDS = 0V
±10
µ A
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
6100
pF
Output Capacitance
Coss
1400
pF
Reverse Transfer Capacitance
Crss
700
pF
Turn-on Delay Time
td(on)
ID = 42 A, VGS(on) = 10 V, VDD = 20 V,
120
ns
Rise Time
tr
RG = 10
1800
ns
Turn-off Delay Time
td(off)
350
ns
Fall Time
tf
440
ns
Total Gate Charge
QG
ID = 83 A , VDD = 32 V, VGS = 10 V
110
nC
Gate to Source Charge
QGS
18
nC
Gate to Drain Charge
QGD
31
nC
Body Diode Forward Voltage
VF(S-D)
IF = 83 A, VGS = 0 V1.0
V
Reverse Recovery Time
trr
IF = 83 A, VGS = 0 V,
65
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µ s
110
nC
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 µs
Duty Cycle
1 %
τ
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
0
0
90 %
90 %
90 %
VGS(on)
ID
ton
toff
td(on)
tr
td(off)
tf
10 %10 %
5
5
5
5
5
5
5
5
5
5
5
5
5


Similar Part No. - 2SK3431-Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3431-Z ISC-2SK3431-Z Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3431-Z RENESAS-2SK3431-Z Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3431-ZJ RENESAS-2SK3431-ZJ Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3431-Z

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com