Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOS-350 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # NOS-350
Description  NON/NOS, 600/250Vac Class K5 H
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

NOS-350 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  NOS-350 Datasheet HTML 1Page - Cooper Bussmann, Inc. NOS-350 Datasheet HTML 2Page - Cooper Bussmann, Inc. NOS-350 Datasheet HTML 3Page - Cooper Bussmann, Inc. NOS-350 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0713
BU-SB13738
Page 3 of 4
Data Sheet # 1030
NON/NOS, 600/250Vac Class K5 & H
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information
contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
NOS (600V), 1-600A, General Purpose Fuses
Description: Basic protection 600V NOS Class K5 and H
general purpose, non-current-limiting, one-time fuses.
Catalog Symbol: NOS-(amp)
Ratings:
Volts — 600Vac
Amps — 1-600A
IR — 50kA Vac RMS Sym. (1-60A)
— 10kA Vac RMS Sym. (70-600A)
Agency Information:
CE, UL Listed, Class K5 (1-60A), Std. 248-9,
Class H (70-600A), Std. 248-6, UL Guide JDDZ, File E4273
CSA Certified, Class 1421-01, File 53787
Catalog Numbers (amps)
NOS-1
NOS-9
NOS-40
NOS-100
NON-300
NOS-2
NOS-10
NOS-45
NOS-110
NOS-350
NOS-3
NOS-12
NOS-50
NOS-125
NOS-400
NOS-4
NOS-15
NOS-60
NOS-150
NOS-450
NOS-5
NOS-20
NOS-70
NOS-175
NOS-500
NOS-6
NOS-25
NOS-75
NOS-200
NOS-600
NOS-7
NOS-30
NOS-80
NOS-225
NOS-8
NOS-35
NOS-90
NOS-250
NOS 600V Carton Quantity and Weight
Amp Rating
Carton Qty.
1–30
10
35–60
10
70–100
5
110–200
1
225–400
1
450–600
1
Dimensions – in
Features:
• Protect lighting, heating and other circuits not subject to temporary
surges and where available short-circuit currents are relatively low
• NOS one-time fuses do not have any appreciable degree of time-
delay and thus should
not be specified in circuits where large
transients or motor overloads occur. Use Bussmann advanced
protection FUSETRON™ LPS-R or ultimate protection Low-Peak™
LPS-RK dual-element, time-delay fuses.
• For general purpose circuits, size at amp rating of circuit
• For motor circuits, size at 300% to 400% according to the NEC®
motor ampacity tables 430.247 to 430.250, per 430.6(A)(1)
Recommended Fuse Blocks
Fuse Amps
1-Pole
2-Pole
3-Pole
0-30
H60030-1
H60030-2
H60030-3
35-60
H60060-1
H60060-2
H60060-3
70-100
HM60100-1CR
HM60100-2CR
HM60100-3CR
110-200
HM60200-1CR
HM60200-2CR
HM60200-3CR
225-400
HM60400-1CR
HM60400-2CR
HM60400-3CR
450-600
HM60600-1CR
HM60600-2CR
HM60600-3CR
For additional information on 600 volt fuse blocks, see Data
Sheet # 1112 (H) and product brochure # 3192 (HM Series).
Fuse Reducers For Class R Fuses
Equipment
Desired Fuse
Catalog Numbers
Fuse Clips
(Case) Size
(Pairs) 250V
60A
30A
NO.663
100A
30A
NO.216
60A
NO.616
200A
60A
NO.626
200A
100A
NO.2621
400A
100A
NO.2641
200A
NO.2642
For additional information on Class R fuse reducers, see
Data Sheet # 1118.
0.81" (± 0.008)
5" (± 0.031)
1.06" (± 0.008)
5.5" (± 0.031)
1 to 30A
35 to 60A
1.34"
7.9" (± 0.062)
70 to 100A
3.13"
13.38" ( 0.094)
450 to 600A
2.59"
11.63" (± 0.094)
225 to 400A
1.84"
9.63" (± 0.062)
110 to 200A
All Diameters ± 0.008


Similar Part No. - NOS-350

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
NOS-350 EATON-NOS-350 Datasheet
989Kb / 4P
   250 V NON/600 V NOS Class K5 and H fuses
More results

Similar Description - NOS-350

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
NOS EATON-NOS Datasheet
989Kb / 4P
   250 V NON/600 V NOS Class K5 and H fuses
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
NLN LITTELFUSE-NLN Datasheet
465Kb / 2P
   NLN/NLS Class K5 Fuses
NLN LITTELFUSE-NLN_V01 Datasheet
206Kb / 2P
   CLASS K5 ??NLN/NLS SERIES (ONE-TIME) FUSES
Rev: 022822
NLN LITTELFUSE-NLN_12 Datasheet
314Kb / 1P
   Class K5 ??NLN/NLS Series (one-time) fuses
logo
Marathon Special Produc...
R6F30AXB MARATHON-R6F30AXB Datasheet
76Kb / 2P
   Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXS MARATHON-R6F30AXS Datasheet
89Kb / 2P
   Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXSP MARATHON-R6F30AXSP Datasheet
99Kb / 2P
   Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com