Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR331-5-224-Y Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR331-5-224-Y
Description  SMD INDUCTOR DR331-5 SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR331-5-224-Y Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR331-5-224-Y Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 1, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
.192
4,90
.271
6,90
.149
3,80
.098
2,50
SUGGESTED PAD LAYOUT
.047 MAX
1,2 MAX
.098
2,50
.133
3,40
.192
4,90
.263
6,70
.220
5,60
1
2
Ø .145
3,70
XXX
Ø .165
4,20
2
1
ELECTRICAL SPECIFICATIONS AT 25°C
Inductance (
H )
I sat (A)
I rms
SRF
Part Number
DCR (
)
Max.
Max. (Note 2)
Max. (Note 3)
(MHz) REF.
DR331-5-122-Y
1.2
± 20%
0.08
2.1
1.7
190
DR331-5-152-Y
1.5
± 20%
0.1
1.9
1.5
140
DR331-5-222-Y
2.2
± 20%
0.12
1.6
1.4
115
DR331-5-332-Y
3.3
± 20%
0.16
1.3
1.2
90
DR331-5-472-Y
4.7
± 20%
0.2
1.1
1.1
88
DR331-5-682-Y
6.8
± 20%
0.32
0.9
0.85
66
DR331-5-103-Y
10
± 20%
0.41
0.8
0.75
55
DR331-5-153-Y
15
± 20%
0.65
0.65
0.6
42
DR331-5-223-Y
22
± 20%
0.85
0.5
0.52
38
DR331-5-333-Y
33
± 20%
1.3
0.4
0.42
29
DR331-5-473-Y
47
± 20%
1.8
0.35
0.36
22
DR331-5-683-Y
68
± 20%
2.5
0.3
0.3
18
DR331-5-104-Y
100
± 20%
3.5
0.25
0.26
14
DR331-5-154-Y
150
± 20%
5
0.18
0.21
12
DR331-5-224-Y
220
± 20%
7
0.16
0.18
10
DR331-5-334-Y
330
± 20%
15
0.13
0.13
8
Suffix –Y: Specify (-1) for gold wrap around or (-2) for tin wrap around terminations
.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,30
2.
Isat based on the inductance being 90% of its initial value
3.
Irms based on temperature rise of 40°C
4.
Tape & Reel Packaging
5.
Inductance tested at 0.1 Vrms @ 100 kHz
6.
Terminal finish is compliant to RoHS requirements and is gold plated or tin plated
7.
Solder in accordance with J-STD-002 Rev. D
8.
Non-RoHS series parts 42-331-5-XXX are finished with leaded solder Sn60Pb40 or equivalent
SMD INDUCTOR DR331-5 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 1.2µH to 330µH
Operating Temp. -20°C to +80°C
Terminal Finish see Note 6


Similar Part No. - DR331-5-224-Y

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-5-224-Y DATATRONICS-DR331-5-224-Y Datasheet
86Kb / 1P
   SMD INDUCTOR
More results

Similar Description - DR331-5-224-Y

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-1 DATATRONICS-DR331-1_14 Datasheet
71Kb / 1P
   SMD INDUCTOR DR331-1 SERIES
DR331-4 DATATRONICS-DR331-4_14 Datasheet
79Kb / 1P
   SMD INDUCTOR DR331-4 SERIES
DR331-3 DATATRONICS-DR331-3_14 Datasheet
71Kb / 1P
   SMD INDUCTOR DR331-3 SERIES
DR331-2 DATATRONICS-DR331-2_14 Datasheet
73Kb / 1P
   SMD INDUCTOR DR331-2 SERIES
DR331-6 DATATRONICS-DR331-6_14 Datasheet
76Kb / 1P
   SMD INDUCTOR DR331-6 SERIES
DR331-9 DATATRONICS-DR331-9_14 Datasheet
94Kb / 1P
   SHIELDED SMD INDUCTOR DR331-9 SERIES
DR331-7 DATATRONICS-DR331-7_14 Datasheet
80Kb / 2P
   SHIELDED SMD INDUCTOR DR331-7 SERIES
DR331-8 DATATRONICS-DR331-8_14 Datasheet
71Kb / 1P
   SHIELDED SMD INDUCTOR DR331-8 SERIES
DR353-5 DATATRONICS-DR353-5_14 Datasheet
85Kb / 2P
   SMD INDUCTOR DR353-5 SERIES
DR356-5 DATATRONICS-DR356-5_14 Datasheet
83Kb / 1P
   SMD INDUCTOR DR356-5 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com