Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFX30 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # BFX30
Description  High current (max.600 mA)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

BFX30 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  BFX30 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. BFX30 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - BFX30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFX30 PHILIPS-BFX30 Datasheet
56Kb / 8P
   PNP switching transistor
1997 Apr 16
logo
Seme LAB
BFX30 SEME-LAB-BFX30 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
logo
Continental Device Indi...
BFX30 CDIL-BFX30 Datasheet
137Kb / 4P
   PNP SILICON PLANAR TRANSISTOR
More results

Similar Description - BFX30

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PT-2735FPQ MSPI-PT-2735FPQ Datasheet
89Kb / 1P
   Current Consumption Max. (mA) 10 at Rated Voltage
PT-2742FWQ MSPI-PT-2742FWQ Datasheet
91Kb / 1P
   Current Consumption Max. (mA) 8.0 at Rated Voltage
PT-2130FWQ MSPI-PT-2130FWQ Datasheet
90Kb / 1P
   Current Consumption Max. (mA) 12 at Rated Voltage
PT-2735FPLQ MSPI-PT-2735FPLQ Datasheet
94Kb / 1P
   Current Consumption (mA/max) 10 at Rated Voltage
logo
Texas Instruments
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2370 AD-ADP2370 Datasheet
2Mb / 32P
   High Voltage, 1.2 MHz/600 kHz, 800 mA
REV. A
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
   Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
logo
Vishay Siliconix
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com