Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF820 Datasheet(PDF) 1 Page - General Semiconductor

Part No. BF820
Description  Small Signal Transistors (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GE [General Semiconductor]
Homepage  http://www.vishay.com
Logo 

BF820 Datasheet(HTML) 1 Page - General Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small Signal Transistors (NPN)
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
3
12
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Pin configuration
1 = Base, 2 = Emitter, 3 = Collector.
SOT-23
4/98
NPN Silicon Epitaxial Planar Transistors
especially suited for application in class-B
video output stages of TV receivers and
monitors.
As complementary types, the PNP tran-
sistors BF821 and BF823 are recom-
mended.
BF820, BF822
Symbol
Value
Unit
Collector-Base Voltage
BF820
BF822
VCBO
VCBO
300
250
V
V
Collector-Emitter Voltage
BF822
VCEO
250
V
Collector-Emitter Voltage
BF820
VCER
300
V
Emitter-Base Voltage
VEBO
5V
Collector Current
IC
50
mA
Peak Collector Current
ICM
100
mA
Power Dissipation at TSB = 50 °C
Ptot
3001)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
1) Device on fiberglass substrate, see layout
Marking code
BF820 = 1V
BF822 = 1X


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC846Small Signal Transistors NPN 1 2 3 4 5 MoreGeneral Semiconductor
2N917Small Signal NPN Transistors / Dual Transistors 1 Central Semiconductor Corp
BF420Small Signal Transistors NPN 1 2 General Semiconductor
BC847SMALL SIGNAL NPN TRANSISTORS 1 2 3 4 STMicroelectronics
BCW66SMALL SIGNAL NPN TRANSISTORS 1 2 3 4 STMicroelectronics
CP316VSmall Signal Transistors NPN - High Voltage Transistor Chip 1 2 Central Semiconductor Corp
MMBT3904Small Signal Transistors NPN 1 2 3 General Semiconductor
2N3707NPN/PNP SILICON AF SMALL SIGNAL TRANSISTORS 1 2 Micro Electronics
MMBT4401SMALL SIGNAL TRANSISTORS NPN 1 2 3 General Semiconductor
MMBTA06Small Signal Transistors NPN 1 2 General Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn