Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BC808-25 Datasheet(PDF) 1 Page - General Semiconductor

Part No. BC808-25
Description  Small Signal Transistors (PNP)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GE [General Semiconductor]
Homepage  http://www.vishay.com
Logo 

BC808-25 Datasheet(HTML) 1 Page - General Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
Small Signal Transistors (PNP)
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
3
12
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Pin configuration
1 = Base, 2 = Emitter, 3 = Collector.
SOT-23
4/98
BC807, BC808
PNP Silicon Epitaxial Planar Transistors
for switching, AF driver and amplifier
applications.
Especially suited for automatic insertion
in thick- and thin-film circuits.
These transistors are subdivided into three groups -16,
-25 and -40 according to their current gain.
As complementary types, the NPN transistors BC817
and BC818 are recommended.
Symbol
Value
Unit
Collector-Emitter Voltage
BC807
BC808
–VCES
–VCES
50
30
V
V
Collector-Emitter Voltage
BC807
BC808
–VCEO
–VCEO
45
25
V
V
Emitter-Base Voltage
–VEBO
5V
Collector Current
–IC
500
mA
Peak Collector Current
–ICM
1000
mA
Peak Base Current
–IBM
200
mA
Peak Emitter Current
IEM
1000
mA
Power Dissipation at TSB = 50 °C
Ptot
3101)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
– 65 to +150
°C
1) Device on fiberglass substrate, see layout
Marking code
Type
Marking
BC807-16
-25
-40
BC808-16
-25
-40
5A
5B
5C
5E
5F
5G


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC856Small Signal Transistors PNP 1 2 3 4 5 MoreGeneral Semiconductor
2N3707NPN/PNP SILICON AF SMALL SIGNAL TRANSISTORS 1 2 Micro Electronics
CP592VSmall Signal Transistors PNP - Amp/Switch Transistor Chip 1 2 Central Semiconductor Corp
CP741VSmall Signal Transistors PNP - Low VCE SAT Transistor Chip 1 Central Semiconductor Corp
2N2905ASMALL SIGNAL PNP TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
BF421Small Signal Transistors PNP 1 2 General Semiconductor
CP593Small Signal Transistors PNP - Amp/Switch Transistor Chip 1 Central Semiconductor Corp
CP753VSmall Signal Transistors PNP - High Current Transistor Chip 1 Central Semiconductor Corp
BF821Small Signal Transistors PNP 1 2 General Semiconductor
2N5322SMALL SIGNAL PNP TRANSISTORS 1 2 3 4 STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn