Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7946SRTET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7946SRTET
Description  14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7946SRTET Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7946SRTET Datasheet HTML 3Page - Texas Instruments ADS7946SRTET Datasheet HTML 4Page - Texas Instruments ADS7946SRTET Datasheet HTML 5Page - Texas Instruments ADS7946SRTET Datasheet HTML 6Page - Texas Instruments ADS7946SRTET Datasheet HTML 7Page - Texas Instruments ADS7946SRTET Datasheet HTML 8Page - Texas Instruments ADS7946SRTET Datasheet HTML 9Page - Texas Instruments ADS7946SRTET Datasheet HTML 10Page - Texas Instruments ADS7946SRTET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SCLK
CS
D13
SDO
t
SU1
t
D1
t
H1
t
D2
t
D3
Sample
N
Sample
N+1
t
ACQ
t
CONV
1/f
SAMPLE
DatafromSampleN
1
-
t
D4
t
WL
t
WH
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
t
W1
ADS7945
ADS7946
www.ti.com
SBAS539B
– JUNE 2011 – REVISED SEPTEMBER 2011
PARAMETER MEASUREMENT INFORMATION
TIMING DIAGRAM: ADS7945, ADS7946
Table 1. TIMING REQUIREMENTS: ADS7945, ADS7946(1)(2)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
tCONV
Conversion time
16
SCLK
tACQ
Acquisition time
80
ns
SCLK = 40 MHz,
fSAMPLE
Sample rate (throughput rate)
2
MSPS
16-clock frame
tW1
Pulse width CS high
25
ns
DVDD = 1.8 V
14.5
ns
tD1
Delay time, CS low to first data (D0-15) out
DVDD = 3 V
12.5
ns
DVDD = 5 V
8.5
ns
DVDD = 1.8 V
3.5
ns
tSU1
Setup time, CS low to first rising edge of SCLK
DVDD = 3 V
3.5
ns
DVDD = 5 V
3.5
ns
DVDD = 1.8 V
11
ns
tD2
(3)
Delay time, SCLK falling to SDO
DVDD = 3 V
9
ns
DVDD = 5 V
7.1
ns
DVDD = 1.8 V
4
ns
tH1
Hold time, SCLK falling to data valid
DVDD = 3 V
3
ns
DVDD = 5 V
2
ns
DVDD = 1.8 V
15
ns
tD3
Delay time, CS high to SDO 3-state
DVDD = 3 V
12.5
ns
DVDD = 5 V
8.5
ns
Delay time CS rising edge from conversion end
10
tD4
ns
(refer to the tCONV specification for conversion time)
tWH
Pulse duration, SCLK high
8
ns
tWL
Pulse duration, SCLK low
8
ns
SCLK frequency
40
MHz
tPDSU
Setup time, PDEN high to CS rising edge
2
ns
(refer to Figure 84 and Figure 85)
tPDH
Hold time, CS rising edge to PDEN falling edge (refer to Figure 84)
20
ns
(1)
All specifications are ensured by simulations at TA = –40°C to +125°C, and DVDD = 1.65 V to AVDD, unless otherwise noted.
(2)
1.8 V specifications apply from 1.65 V to 2 V; 3 V specifications apply form 2.7 V to 3.6 V; 5 V specifications apply from 4.75 V to
5.25 V.
(3)
With 20 pF load.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS7945 ADS7946


Similar Part No. - ADS7946SRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7946SRTET TI1-ADS7946SRTET Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
More results

Similar Description - ADS7946SRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com