Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7863ADBQ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7863ADBQ
Description  Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7863ADBQ Datasheet(HTML) 5 Page - Texas Instruments

  ADS7863ADBQ Datasheet HTML 1Page - Texas Instruments ADS7863ADBQ Datasheet HTML 2Page - Texas Instruments ADS7863ADBQ Datasheet HTML 3Page - Texas Instruments ADS7863ADBQ Datasheet HTML 4Page - Texas Instruments ADS7863ADBQ Datasheet HTML 5Page - Texas Instruments ADS7863ADBQ Datasheet HTML 6Page - Texas Instruments ADS7863ADBQ Datasheet HTML 7Page - Texas Instruments ADS7863ADBQ Datasheet HTML 8Page - Texas Instruments ADS7863ADBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
CLOCK
CONVST
10 ns
Cycle 1
Cycle 2
A
B
C
10 ns
5 ns
5 ns
CLOCK
CONVST
RD
SDI
BUSY
CS
Serial
Data A
C1
C0
P1
P0
DP
N
AN
RP
S4
A2
A1
A0
D10
D11
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
D11
0
0
Serial
Data B
D10
D11
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
D11
0
0
C1
C0
P1
t
CKH
t
CKL
t
11
t
10
t
1
t
6
t
7
t
5
t
3
t
12
t
8
t
9
t
2
t
4
t
ACQ
t
CONV
Conversion 1
Conversion 2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
ADS7863A
www.ti.com
SBAS610 – DECEMBER 2013
TIMING CHARACTERISTICS
Figure 2. Detailed Timing Diagram (Mode I)
NOTE: All CONVST commands that occur more than 10 ns before the cycle 1 rising edge of the external clock (region A) initiate a
conversion on the cycle 1 rising edge. All CONVST commands that occur 5 ns after the cycle 1 rising edge or 10 ns before the cycle 2 rising
edge (region B) initiate a conversion on the cycle 2 rising edge. All CONVST commands that occur 5 ns after the cycle 2 rising edge (region
C) initiate a conversion on the rising edge of the next clock period.
The CONVST pin should never be switched from low to high in the region 10 ns prior to the CLOCK rising edge and 5 ns after the rising edge
(gray areas). If CONVST is toggled in this gray area, the conversion could begin on either the same CLOCK rising edge or the following
edge.
Figure 3. CONVST Timing
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS7863A


Similar Part No. - ADS7863ADBQ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863 TI-ADS7863 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863 TI1-ADS7863 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863EVM TI1-ADS7863EVM Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
More results

Similar Description - ADS7863ADBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com