Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7863A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7863A
Description  Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7863A Datasheet(HTML) 1 Page - Texas Instruments

  ADS7863A Datasheet HTML 1Page - Texas Instruments ADS7863A Datasheet HTML 2Page - Texas Instruments ADS7863A Datasheet HTML 3Page - Texas Instruments ADS7863A Datasheet HTML 4Page - Texas Instruments ADS7863A Datasheet HTML 5Page - Texas Instruments ADS7863A Datasheet HTML 6Page - Texas Instruments ADS7863A Datasheet HTML 7Page - Texas Instruments ADS7863A Datasheet HTML 8Page - Texas Instruments ADS7863A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
S/H
Comparator
CDAC
Input
MUX
AV
DD
REF
IN
SAR
S/H
Comparator
CDAC
Input
MUX
REF
OUT
AGND
SAR
10-Bit DAC
2.5-V Reference
CHA0+
CHA0-
CHA1+
CHA1-
BV
DD
SDOA
SDOB
M0
M1
SDI
CLOCK
CS
RD
BUSY
CONVST
BGND
CHB0+
CHB0-
CHB1+
CHB1-
ADS7863A
www.ti.com
SBAS610 – DECEMBER 2013
Dual, 2-MSPS, 12-Bit, 2 + 2 or 3 + 3 Channel, Simultaneous-Sampling,
Analog-to-Digital Converter
Check for Samples: ADS7863A
1
FEATURES
DESCRIPTION
The ADS7863A is a dual, 12-bit, 2-MSPS, analog-to-
2
Four Fully- or Six Pseudo-Differential Inputs
digital converter (ADC) with four fully-differential or six
SNR: 71 dB
pseudo-differential input channels grouped into two
THD: –81 dB
pairs for high-speed, simultaneous signal acquisition.
Inputs to the sample-and-hold (S/H) amplifiers are
Programmable and Buffered Internal 2.5-V
fully differential and are maintained differential to the
Reference
ADC input. This architecture provides excellent
Flexible Power-Down Features
common-mode rejection of 72 dB at 100 kHz, which
Variable Power-Supply Ranges: 2.7 V to 5.5 V
is a critical performance characteristic in noisy
environments.
Low-Power Operation: 45 mW at 5 V
Operating Temperature Range:
The device is pin-compatible with the ADS7861, but
offers additional features such as a programmable
–40°C to +125°C
reference output, flexible supply voltage (2.7 V to
Pin-Compatible with the ADS7861 and
5.5 V for AVDD and BVDD), a pseudo-differential input
ADS8361 (SSOP Package)
multiplexer with three channels per ADC, and several
power-down features.
APPLICATIONS
The device is offered in an SSOP-24 and a 4-mm ×
Motor Control
4-mm QFN-24 package. The device is specified over
Multi-Axis Positioning Systems
the extended operating temperature range of –40°C
to +125°C.
Three-Phase Power Control
Functional Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS7863A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863 TI-ADS7863 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863 TI1-ADS7863 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863EVM TI1-ADS7863EVM Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
More results

Similar Description - ADS7863A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com