Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7863A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7863A
Description  Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7863A Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7863A Datasheet HTML 4Page - Texas Instruments ADS7863A Datasheet HTML 5Page - Texas Instruments ADS7863A Datasheet HTML 6Page - Texas Instruments ADS7863A Datasheet HTML 7Page - Texas Instruments ADS7863A Datasheet HTML 8Page - Texas Instruments ADS7863A Datasheet HTML 9Page - Texas Instruments ADS7863A Datasheet HTML 10Page - Texas Instruments ADS7863A Datasheet HTML 11Page - Texas Instruments ADS7863A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Data Rate (MSPS)
1
0.8
0.6
0.4
-1
0.5
0.75
1
2
0.2
0
-0.2
-0.8
-0.6
-0.4
1.25
1.5
1.75
Positive
Negative
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature ( C)
°
1
0.75
0.5
0.25
0
0.25
0.5
0.75
1
-
-
-
-
Negative
Positive
Code
1
0.75
0.5
-1
0
512
1024
4096
0.25
0
-0.25
-0.75
-0.5
1536
2048
2560
3072
3584
Code
1
0.75
0.5
-1
0
512
1024
4096
0.25
0
-0.25
-0.75
-0.5
1536
2048
2560
3072
3584
Data Rate (MSPS)
1
0.8
0.6
0.4
-1
0.5
0.75
1
2
0.2
0
-0.2
-0.8
-0.6
-0.4
1.25
1.5
1.75
Positive
Negative
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature ( C)
°
Positive
Negative
1
0.75
0.5
0.25
0
0.25
0.5
0.75
1
-
-
-
-
ADS7863A
SBAS610 – DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
Over the entire supply voltage range, VREF = 2.5 V (internal), fCLK = 32 MHz, and tDATA = 2 MSPS, unless otherwise noted.
Figure 4. INTEGRAL NONLINEARITY vs DATA RATE
Figure 5. INTEGRAL NONLINEARITY vs TEMPERATURE
Figure 6. INTEGRAL NONLINEARITY vs CODE
Figure 7. DIFFERENTIAL NONLINEARITY vs CODE
Figure 8. DIFFERENTIAL NONLINEARITY vs DATA RATE
Figure 9. DIFFERENTIAL NONLINEARITY vs
TEMPERATURE
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS7863A


Similar Part No. - ADS7863A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863 TI-ADS7863 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863 TI1-ADS7863 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863EVM TI1-ADS7863EVM Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
More results

Similar Description - ADS7863A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com