Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7945 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7945
Description  14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7945 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7945 Datasheet HTML 1Page - Texas Instruments ADS7945 Datasheet HTML 2Page - Texas Instruments ADS7945 Datasheet HTML 3Page - Texas Instruments ADS7945 Datasheet HTML 4Page - Texas Instruments ADS7945 Datasheet HTML 5Page - Texas Instruments ADS7945 Datasheet HTML 6Page - Texas Instruments ADS7945 Datasheet HTML 7Page - Texas Instruments ADS7945 Datasheet HTML 8Page - Texas Instruments ADS7945 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
ADS7945
ADS7946
SBAS539B
– JUNE 2011 – REVISED SEPTEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: ADS7945 (Differential) (continued)
Minimum/maximum specifications at TA = –40°C to +125°C, AVDD = 2.7 V to 5.25 V, DVDD = 1.65 V to AVDD, input
common-mode = VREF/2 ± 0.2, and fSAMPLE = 2 MSPS, unless otherwise noted.
Typical specifications at TA = +25°C, AVDD = 5 V, DVDD = 1.8 V, input common-mode = VREF/2 ± 0.2, and fSAMPLE = 2 MSPS.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUT/OUTPUT
Logic family
CMOS
VIH
0.7DVDD
V
VIL
0.3DVDD
V
Logic level
VOH
SDO load 20 pF
0.8DVDD
V
VOL
SDO load 20 pF
0.2DVDD
V
Input leakage current
IIH, IIL
0
< VIN < DVDD
±20
nA
External reference
2.5
AVDD
V
POWER-SUPPLY REQUIREMENTS
AVDD
2.7
3.3
5.25
V
DVDD
1.65
3.3
AVDD
V
AVDD = 3.3 V, fSAMPLE = 2 MSPS
3.5
4
mA
IDYNAMIC
AVDD = 5 V, fSAMPLE = 2 MSPS
4
5
mA
AVDD supply current
AVDD = 3.3 V, SCLK off
2.3
mA
ISTATIC
AVDD = 5 V, SCLK off
2.5
3
mA
DVDD = 3.3 V, fSAMPLE = 2 MSPS,
DVDD supply current(9)
750
µA
SDO load 20 pF
IPD-DYNAMIC
SCLK = 40 MHz
550
µA
Power-down state
AVDD supply current
IPD-STATIC
SCLK off
2.5
µA
Power-up time
From power-down state using PDEN pin
1
µs
TEMPERATURE RANGE
Specified performance
–40
+125
°C
(9)
DVDD consumes only dynamic current. IDVDD = CLOAD × DVDD × number of 0→1 transitions in SDO × fSAMPLE.
This is a load-dependent current and there is no DVDD current when the output is not toggling.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): ADS7945 ADS7946


Similar Part No. - ADS7945

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945SRTER TI1-ADS7945SRTER Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945SRTET TI1-ADS7945SRTET Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
More results

Similar Description - ADS7945

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com