Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR217-8-476 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR217-8-476
Description  DR217-8 SERIES RADIAL LEADED INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR217-8-476 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR217-8-476 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR217-8-476 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
October 11, 2006
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
Page 1 of 2
Part Number
Inductance
(µH) @1kHz
DCR (Ohm) Max.
Rated Current (A)
Max. I sat
Rated Current (A)
Max. I rms
DR217-8-472
4.7
0.008
10.00
6.0
DR217-8-682
6.8
0.011
8.00
5.5
DR217-8-103
10
0.017
7.00
4.5
DR217-8-153
15
0.022
5.50
4.0
DR217-8-223
22
0.026
4.50
3.7
DR217-8-333
33
0.032
3.80
3.3
DR217-8-473
47
0.035
3.20
3.0
DR217-8-683
68
0.047
2.60
2.6
DR217-8-104
100
0.09
2.20
2.0
DR217-8-154
150
0.129
1.80
1.6
DR217-8-224
220
0.162
1.50
1.5
DR217-8-334
330
0.212
1.20
1.2
DR217-8-474
470
0.38
1.00
1.0
DR217-8-684
680
0.548
0.84
0.84
DR217-8-105
1000
0.844
0.66
0.66
DR217-8-155
1500
1.18
0.55
0.55
DR217-8-225
2200
2.0
0.46
0.44
DR217-8-335
3300
2.53
0.38
0.38
DR217-8-475
4700
3.19
0.32
0.32
DR217-8-685
6800
5.69
0.26
0.25
DR217-8-106
10000
7.3
0.22
0.22
DR217-8-156
15000
10.5
0.18
0.18
DR217-8-226
22000
21.8
0.14
0.13
DR217-8-336
33000
25.7
0.12
0.12
DR217-8-476
47000
36.1
0.10
0.10
DR217-8-686
68000
57.3
0.08
0.08
DR217-8-107
100000
89.7
0.06
0.06
DR217-8 SERIES RADIAL LEADED INDUCTORS
Features
Designed for EMI Filters & Switching Power Supplies
Inductance Range from 4.7µH to 100mH
Operating Temp. -20°C to +80
°C
Tinned Leads with Leaded Solder is Available (note 5)
ELECTRICAL SPECIFICATIONS AT 25ºC


Similar Part No. - DR217-8-476

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-8-476 DATATRONICS-DR217-8-476 Datasheet
81Kb / 2P
   RADIAL LEADED INDUCTORS
More results

Similar Description - DR217-8-476

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-9 DATATRONICS-DR217-9_14 Datasheet
76Kb / 1P
   DR217-9 SERIES RADIAL LEADED INDUCTORS
DR217-4 DATATRONICS-DR217-4_14 Datasheet
71Kb / 1P
   DR217-4 SERIES RADIAL LEADED INDUCTORS
DR217-6 DATATRONICS-DR217-6_14 Datasheet
78Kb / 1P
   DR217-6 SERIES RADIAL LEADED INDUCTORS
DR217-5 DATATRONICS-DR217-5_14 Datasheet
76Kb / 2P
   DR217-5 SERIES RADIAL LEADED INDUCTORS
DR217-7 DATATRONICS-DR217-7_14 Datasheet
76Kb / 1P
   DR217-7 SERIES RADIAL LEADED INDUCTORS
DR217-1 DATATRONICS-DR217-1_14 Datasheet
77Kb / 2P
   DR217-1 SERIES RADIAL LEADED INDUCTORS
DR217-2 DATATRONICS-DR217-2_14 Datasheet
74Kb / 2P
   DR217-2 SERIES RADIAL LEADED INDUCTORS
DR217-3 DATATRONICS-DR217-3_14 Datasheet
78Kb / 1P
   DR217-3 SERIES RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com