Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR217-5-224 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # DR217-5-224
Description  DR217-5 SERIES RADIAL LEADED INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR217-5-224 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  DR217-5-224 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR217-5-224 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
September 16, 2010
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
Page 2 of 2
1
2
SCHEMATIC
±1,00
TYP
.511 MAX.
13,00
.590 MIN.
15,00
.039 MIN.
1,00
Ø.354 MAX.
9,00
Ø.025
0,65
.196
5,00
1
2
±.039
DR217-5 SERIES RADIAL LEADED INDUCTORS
Part Number
Inductance
(uH) @1kHz
Q Min.
Q Test Freq.
SRF
(MHz)
TYP.
DCR
(Ohm)
Max.
Rated DC
Current (A) Max.
DR217-5-185
1800 ± 10%
40
252kHz
1.1
2.8
0.21
DR217-5-225
2200 ± 10%
40
252kHz
1.0
3.3
0.19
DR217-5-275
2700 ± 10%
40
252kHz
0.88
5
0.17
DR217-5-335
3300 ± 10%
40
252kHz
0.78
5.6
0.15
DR217-5-395
3900 ± 10%
40
252kHz
0.72
6.2
0.14
DR217-5-475
4700 ± 10%
40
252kHz
0.65
7
0.13
DR217-5-565
5600 ± 10%
40
252kHz
0.58
9.1
0.12
DR217-5-685
6800 ± 10%
40
252kHz
0.55
10
0.11
DR217-5-825
8200 ± 10%
20
252kHz
0.5
15
0.10
DR217-5-106
10000 ± 10%
20
79.6kHz
0.42
24
0.09
DR217-5-476
47000 ± 10%
60
79.6kHz
0.20
80
0.04
DR217-5-566
56000 ± 10%
20
79.6kHz
0.10
13.5
0.035
DR217-5-107
100000 ± 10%
20
79.6kHz
0.14
180
0.028
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions are shown in inches/millimeters
2.
Unless otherwise specified, tolerance = Inches: ±0.012
= Millimeters: ±0,30
3.
IDC MAX based on the inductance being 90% of its initial value
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR217-5 becomes 42-217-5)
5.
Terminal finish is compliant to RoHS requirements


Similar Part No. - DR217-5-224

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-5-224 DATATRONICS-DR217-5-224 Datasheet
78Kb / 2P
   RADIAL LEADED INDUCTORS
More results

Similar Description - DR217-5-224

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR217-9 DATATRONICS-DR217-9_14 Datasheet
76Kb / 1P
   DR217-9 SERIES RADIAL LEADED INDUCTORS
DR217-4 DATATRONICS-DR217-4_14 Datasheet
71Kb / 1P
   DR217-4 SERIES RADIAL LEADED INDUCTORS
DR217-6 DATATRONICS-DR217-6_14 Datasheet
78Kb / 1P
   DR217-6 SERIES RADIAL LEADED INDUCTORS
DR217-7 DATATRONICS-DR217-7_14 Datasheet
76Kb / 1P
   DR217-7 SERIES RADIAL LEADED INDUCTORS
DR217-1 DATATRONICS-DR217-1_14 Datasheet
77Kb / 2P
   DR217-1 SERIES RADIAL LEADED INDUCTORS
DR217-2 DATATRONICS-DR217-2_14 Datasheet
74Kb / 2P
   DR217-2 SERIES RADIAL LEADED INDUCTORS
DR217-3 DATATRONICS-DR217-3_14 Datasheet
78Kb / 1P
   DR217-3 SERIES RADIAL LEADED INDUCTORS
DR217-8 DATATRONICS-DR217-8_14 Datasheet
86Kb / 2P
   DR217-8 SERIES RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com