Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7221BIMXNOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LMC7221BIMXNOPB
Description  LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7221BIMXNOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC7221BIMXNOPB Datasheet HTML 3Page - Texas Instruments LMC7221BIMXNOPB Datasheet HTML 4Page - Texas Instruments LMC7221BIMXNOPB Datasheet HTML 5Page - Texas Instruments LMC7221BIMXNOPB Datasheet HTML 6Page - Texas Instruments LMC7221BIMXNOPB Datasheet HTML 7Page - Texas Instruments LMC7221BIMXNOPB Datasheet HTML 8Page - Texas Instruments LMC7221BIMXNOPB Datasheet HTML 9Page - Texas Instruments LMC7221BIMXNOPB Datasheet HTML 10Page - Texas Instruments LMC7221BIMXNOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LMC7221
www.ti.com
SNOS748E – SEPTEMBER 1999 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Leakage Current
vs.
Supply Voltage
Figure 15.
APPLICATION INFORMATION
BENEFITS OF THE LMC7221 TINY COMPARATOR
Size
The small footprint of the 5-Pin SOT-23 packaged Tiny Comparator, (0.120 x 0.118 inches, 3.05 x 3.00 mm)
saves space on printed circuit boards, and enable the design of smaller electronic products. Because they are
easier to carry, many customers prefer smaller and lighter products.
Height
The height (0.056 inches, 1.43 mm) of the Tiny Comparator makes it possible to use it in PCMCIA type III cards.
Simplified Board Layout
The Tiny Comparator can simplify board layout in several ways. First, by placing a comparator where
comparators are needed, instead of routing signals to a dual or quad device, long pc traces may be avoided.
By using multiple Tiny Comparators instead of duals or quads, complex signal routing and possibly crosstalk can
be reduced.
Low Supply Current
The typical 7
μA supply current of the LMC7221 extends battery life in portable applications, and may allow the
reduction of the size of batteries in some applications.
Wide Voltage Range
The LMC7221 is characterized at 15V, 5V and 2.7V. Performance data is provided at these popular voltages.
This wide voltage range makes the LMC7221 a good choice for devices where the voltage may vary over the life
of the batteries.
Digital Outputs Representing Signal Level
Comparators provide a high or low digital output depending on the voltage levels of the (+) and (
−) inputs. This
makes comparators useful for interfacing analog signals to microprocessors and other digital circuits. The
LMC7221 can be thought of as a one-bit a/d converter.
Open Drain Output
The open drain output is like the open collector output of a logic gate. This makes the LMC7221 very useful for
mixed voltage systems.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC7221


Similar Part No. - LMC7221BIMXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7221BIMX NSC-LMC7221BIMX Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221BIMX NSC-LMC7221BIMX Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC7221BIMX TI1-LMC7221BIMX Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221BIMX/NOPB TI1-LMC7221BIMX/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results

Similar Description - LMC7221BIMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7221BIM TI1-LMC7221BIM Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
Texas Instruments
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com