Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV762MM Datasheet(PDF) 1 Page - Texas Instruments

Part No. LMV762MM
Description  LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMV762MM Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LMV761, LMV762
www.ti.com
SNOS998H – FEBRUARY 2002 – REVISED MARCH 2013
LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
Check for Samples: LMV761, LMV762
1
FEATURES
APPLICATIONS
2
(VS = 5V, TA = 25°C, typical values unless
Portable and Battery-Powered Systems
specified)
Scanners
Input Offset Voltage 0.2mV
Set Top Boxes
Input Offset Voltage (Max Over Temp) 1mV
High Speed Differential Line Receiver
Input Bias Current 0.2pA
Window Comparators
Propagation Delay (OD = 50mV) 120 nsec
Zero-Crossing Detectors
Low Supply Current 300
μA
High Speed Sampling Circuits
CMRR 100dB
Automotive
PSRR 110dB
DESCRIPTION
Extended Temperature Range
−40°C to 125°C
The
LMV761/LMV762/LMV762Q
are
precision
Push-Pull Output
comparators intended for applications requiring low
Ideal for 2.7V and 5V Single Supply
noise and low input offset voltage. The LMV761
Applications
single has a shutdown pin that can be used to disable
the device and reduce the supply current. The
Available in Space-Saving Packages:
LMV761 is available in a space saving 6-Pin SOT-23
6-Pin SOT-23 (Single w/Shutdown)
or 8-Pin SOIC package. The LMV762 dual is
8-Pin SOIC (single w/Shutdown)
available in 8-Pin SOIC or VSSOP package and
8-Pin SOIC/VSSOP (Dual without
LMV762Q in VSSOP and SOIC package.
Shutdown)
They feature a CMOS input and Push-Pull output
LMV762Q is an Automotive Grade Product that
stage. The Push-Pull output stage eliminates the
is AEC-Q100 Grade 1 Qualified and is
need for an external pull-up resistor.
Manufactured on an Automotive Grade Flow
The LMV761/LMV762/LMV762Q are designed to
meet the demands of small size, low power and high
performance
required
by
portable
and
battery
operated electronics.
The input offset voltage has a typical value of 200
μV
at room temp and a 1mV limit over temp.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn