Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV762MM Datasheet(PDF) 8 Page - Texas Instruments

Part No. LMV762MM
Description  LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMV762MM Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
|
TIME (ns)
0
50
100
150
200
150
0
6
250
1
2
3
4
5
|
0
OVERDRIVE =
50mV
10mV
5mV
OVERDRIVE
VCC = 5V
TEMP = 25°C
LOAD = 5.1k:
50pF
50
100
150
200
250
TIME (ns)
150
0
3
300
0
1
2
|
|
OVERDRIVE =
50mV
10mV
5mV
0
VCC = 2.7V
TEMP = 25°C
LOAD = 5.1k:
50pF
OVERDRIVE
TIME (ns)
0
50
100
150
200
-150
0
6
250
1
2
3
4
5
|
|
0
VCC = 5V
TEMP = 25°C
LOAD = 5.1k:
50pF
OVERDRIVE =
50mV
10mV
5mV
OVERDRIVE
50
100
150
200
250
TIME (ns)
-150
0
3
300
0
1
2
|
|
OVERDRIVE =
50mV
10mV
5mV
OVERDRIVE
0
VCC = 2.7V
TEMP = 25°C
LOAD = 5.1k:
50pF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
12
14
1
6
18
20
VOUT (V)
VCC = 2.7V
-
40°C
25°C
85°C
125°
C
1
10
100
OVERDRIVE (mV)
0
50
100
150
200
250
300
350
400
450
500
2.7V
5V
RL = 5.1k:
CL = 50pF
LMV761, LMV762
SNOS998H – FEBRUARY 2002 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
ISINK vs. VOUT
Prop Delay vs. Overdrive
Figure 18.
Figure 19.
Response Time vs.
Response Time vs.
Input Overdrives Positive Transition
Input Overdrives Positive Transition
Figure 20.
Figure 21.
Response Time vs.
Response Time vs.
Input Overdrives Negative Transition
Input Overdrives Negative Transition
Figure 22.
Figure 23.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn