Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV762MM Datasheet(PDF) 7 Page - Texas Instruments

Part No. LMV762MM
Description  LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMV762MM Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
V
(V)
OUT
V
= 5V
CC
-40°C
25°C
85°C
125°C
0
0.4
0.6
0.8
1
1.2
1.4
VOUT (V)
0
5
1
0
15
20
25
0.2
VCC = 2.7V
-
40°C
25°
C
85°C
125°
C
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
70
80
VOUT (V)
-40°C
25°C
85°C
125°C
VCC = 5V
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.2
VCC (V)
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
125°C
-40°C
85°C
25°C
IL = -
2mA
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC (V)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
-40°C
125°C
85°C
25°C
IL = 2mA
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-40°C
125°C
85°C
25°C
IL = -
4mA
LMV761, LMV762
www.ti.com
SNOS998H – FEBRUARY 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Output Voltage vs. Supply Voltage
Output Voltage vs. Supply Voltage
Figure 12.
Figure 13.
Output Voltage vs. Supply Voltage
ISOURCE vs. VOUT
Figure 14.
Figure 15.
ISINK vs. VOUT
ISOURCE vs. VOUT
Figure 16.
Figure 17.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV761 LMV762


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn