Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV762MM Datasheet(PDF) 4 Page - Texas Instruments

Part No. LMV762MM
Description  LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMV762MM Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LMV761, LMV762
SNOS998H – FEBRUARY 2002 – REVISED MARCH 2013
www.ti.com
2.7V Electrical Characteristics
Unless otherwise specified, all limited ensured for TJ = 25°C, VCM = V
+/2, V+ = 2.7V, V= 0V. Boldface limits apply at the
temperature extremes.
(1)
Symbol
Parameter
Condition
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
0.2
1.0
mV
IB
Input Bias Current(4)
0.2
50
pA
IOS
Input Offset Current(4)
.001
5
pA
CMRR
Common Mode Rejection Ratio
0V < VCM < VCC - 1.3V
80
100
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 5V
80
110
dB
Input Common Mode Voltage
−0.3
CMVR
CMRR > 50dB
V
Range
1.5
Output Swing High
IL = 2mA, VID = 200mV
V+ – 0.35
V+ – 0.1
V
VO
Output Swing Low
IL = −2mA, VID = −200mV
90
250
mV
Sourcing, VO = 1.35V, VID = 200mV
6.0
20
ISC
Output Short Circuit Current(5)
mA
Sinking, VO = 1.35V, VID = −200mV
6.0
15
Supply Current LMV761 (Single
275
700
μA
Comparator)
IS
LMV762/LMV762Q (Both
550
1400
μA
Comparators)
IOUT
Output Leakage I @ Shutdown
SD = GND, VO = 2.7V
0.20
μA
LEAKAGE
IS LEAKAGE
Supply Leakage I @ Shutdown
SD = GND, VCC = 2.7V
0.20
2
μA
Propagation Delay
Overdrive = 5mV
270
RL = 5.1kΩ
tPD
Overdrive = 10mV
205
ns
CL = 50pF
Overdrive = 50mV
120
tSKEW
Propagation Delay Skew
5
ns
tr
Output Rise Time
10% to 90%
1.7
ns
tf
Output Fall Time
90% to 10%
1.8
ns
ton
Turn On Time from Shutdown
6
μs
(1)
Maximum temperature ensured range is
−40°C to 125°C.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Specified by design.
(5)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. See Application Information for information on temperature de-rating of
this device. Absolute Maximum Rating indicate junction temperature limits beyond which the device may be permanently degraded,
either mechanically or electrically.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn