Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7221AIM5 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7221AIM5
Description  LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7221AIM5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC7221AIM5 Datasheet HTML 6Page - Texas Instruments LMC7221AIM5 Datasheet HTML 7Page - Texas Instruments LMC7221AIM5 Datasheet HTML 8Page - Texas Instruments LMC7221AIM5 Datasheet HTML 9Page - Texas Instruments LMC7221AIM5 Datasheet HTML 10Page - Texas Instruments LMC7221AIM5 Datasheet HTML 11Page - Texas Instruments LMC7221AIM5 Datasheet HTML 12Page - Texas Instruments LMC7221AIM5 Datasheet HTML 13Page - Texas Instruments LMC7221AIM5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LMC7221
SNOS748E – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Figure 18.
LAYOUT CONSIDERATIONS
The LMC7221 is not an especially fast comparator, so high speed design practices are not required. The
LMC7221 is capable of operating with very high impedance inputs, so precautions should be taken to reduce
noise pickup with high impedance (
∼ 100 kΩ and greater) designs and in electrically noisy environments.
Keeping high value resistors close to the LMC7221 and minimizing the size of the input nodes is a good practice.
With multilayer designs, try to avoid long loops which could act as inductors (coils). Sensors which are not close
to the comparator may need twisted pair or shielded connections to reduce noise.
PUSH-PULL OUTPUTS, DUAL VERSIONS
The LMC7211 is a comparator similar to the LMC7221, but with push-pull outputs which can source current.
The performance of the LMC7221 is available in a dual device. Please see the LMC6772 datasheet. For a dual
device with push-pull outputs, please see the LMC6762 datasheet.
Rail-to-Rail Input Low Power Comparators—
Push-Pull Output
LMC7221
5-Pin SOT-23, 8-Pin SOIC
Single
LMC6762
8-Pin SOIC
Dual
Open Drain Output
LMC7221
5-Pin SOT-23, 8-Pin SOIC
Single
LMC6772
8-Pin SOIC
Dual
ADDITIONAL 5-Pin SOT-23 TINY DEVICES
TI has additional parts available in the space saving SOT-23 Tiny package, including amplifiers, voltage
references, and voltage regulators, including the following:
1 MHz gain-bandwidth rail-to-rail input and output amplifier—high input impedance and high gain 700
μA typical
LMC7101
current 2.7V, 3V, 5V and 15V specifications.
Low power 50 kHz gain-bandwidth rail-to-rail input and output amplifier with 25
μA typical current specified at 2.7V,
LMC7111
3.0V, 3.3V, 5V and 10V.
LM7131
Tiny Video amp with 70 MHz gain bandwidth 3V, 5V and ±5V specifications.
LP2980
Micropower SOT 50 mA Ultra Low-Dropout Regulator.
LM4040
Precision micropower shunt voltage reference. Fixed voltages of 2.500V, 4.096V, 5.000V, 8.192V and 10.000V.
LM4041
Precision micropower shut voltage reference 1.225V and adjustable.
LM385
Low current voltage reference. Fixed Voltages of 1.2V and 2.5V.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7221


Similar Part No. - LMC7221AIM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7221AIM5 NSC-LMC7221AIM5 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221AIM5 NSC-LMC7221AIM5 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC7221AIM5 TI1-LMC7221AIM5 Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221AIM5/NOPB TI1-LMC7221AIM5/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
National Semiconductor ...
LMC7221AIM5X NSC-LMC7221AIM5X Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results

Similar Description - LMC7221AIM5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7221BIM TI1-LMC7221BIM Datasheet
1Mb / 20P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
Texas Instruments
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com