Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPV7215 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LPV7215
Description  LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV7215 Datasheet(HTML) 1 Page - Texas Instruments

  LPV7215 Datasheet HTML 1Page - Texas Instruments LPV7215 Datasheet HTML 2Page - Texas Instruments LPV7215 Datasheet HTML 3Page - Texas Instruments LPV7215 Datasheet HTML 4Page - Texas Instruments LPV7215 Datasheet HTML 5Page - Texas Instruments LPV7215 Datasheet HTML 6Page - Texas Instruments LPV7215 Datasheet HTML 7Page - Texas Instruments LPV7215 Datasheet HTML 8Page - Texas Instruments LPV7215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
tPD L-H
tPD H-L
1
10
100
1000
3
8
13
18
V
+
= 1.8V
TA = 25°C
OVERDRIVE (mV)
0
1
2
3
4
5
6
0
100
200
300
400
500
600
700
800
900
SUPPLY VOLTAGE (V)
25°C
-40°C
85°C
VCM = 0.8V
LPV7215
www.ti.com
SNOSAI6I – SEPTEMBER 2005 – REVISED APRIL 2013
LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
Check for Samples: LPV7215
1
FEATURES
DESCRIPTION
The LPV7215Q is an ultra low-power comparator with
2
(For V+ = 1.8V, Typical Unless Otherwise
a typical power supply current of 580 nA. It has the
Noted)
best-in-class
power
supply
current
versus
Ultra Low Power Consumption 580 nA
propagation delay performance available among TI's
Wide Supply Voltage Range 1.8V to 5.5V
low-power comparators. The propagation delay is as
low as 4.5 microseconds with 100 mV overdrive at
Propagation Delay 4.5 µs
1.8V supply.
Push-Pull Output Current Drive @ 5V 19 mA
Designed to operate over a wide range of supply
Temperature Range
−40°C to 125°C
voltages, from 1.8V to 5.5V, with ensured operation
Rail-to-Rail Input
at 1.8V, 2.7V and 5.0V, the LPV7215Q is ideal for
Tiny 5-Pin SOT23 and SC70 Packages
use in a variety of battery-powered applications. With
rail-to-rail
common
mode
voltage
range,
the
LPV7215Q is well suited for single-supply operation.
APPLICATIONS
Featuring a push-pull output stage, the LPV7215Q
RC Timers
allows for operation with absolute minimum power
Window Detectors
consumption when driving any capacitive or resistive
IR Receiver
load.
Multivibrators
Available in a choice of space-saving packages, the
Alarm and Monitoring Circuits
LPV7215Q is ideal for use in handheld electronics
and mobile phone applications. The LPV7215Q is
manufactured with TI's advanced VIP50 process.
TYPICAL APPLICATION
Figure 1. Supply Current vs. Supply Voltage
Figure 2. Propagation Delay vs. Overdrive
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LPV7215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV7215 NSC-LPV7215 Datasheet
501Kb / 7P
   580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
National Semiconductor ...
LPV7215MF NSC-LPV7215MF Datasheet
501Kb / 7P
   580 nA Rail-to-Rail Input and Output, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215MF INTERSIL-LPV7215MF Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
More results

Similar Description - LPV7215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
   Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
   1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Unisonic Technologies
ULC831 UTC-ULC831 Datasheet
140Kb / 7P
   MICRO-POWER, CMOS INPUT, RRIO, 1.4V, PUSH-PULL OOUTPUT COMPARATOR
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com