Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU0005H Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RU0005H
Description  ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RU0005H Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RU0005H Datasheet HTML 1Page - Solid States Devices, Inc RU0005H Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR1 __ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
Family D = 200V
K = 800V
G = 400V
M = 1000V
J = 600V
N = 1200V
SDR1D thru SDR1N
1.0 AMPS
200 ─ 1200 VOLTS
50 – 80 nsec ULTRA FAST RECTIFIER
FEATURES:
Ultra Fast Recovery:
50-80 ns Max @ 25ºC 4/
80-130 ns Max @ 100ºC 4/
Single Chip Construction
PIV to 1200 Volts
Low Reverse Leakage Current
Hermetically Sealed
For High Efficiency Applications
Metallurgically Bonded
TX, TXV, and S-Level Screening Available
2/
Available in Surface Mount (SM) and Square Tab
Surface Mount (SMS) Versions (Ref. RU0003)
Hyper Fast Version available (Ref. RH0119)
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SDR1D
SDR1G
SDR1J
SDR1K
SDR1M
SDR1N
VRRM
VRWM
VR
200
400
600
800
1000
1200
Volts
Rectified Forward Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25ºC)
IO
1
Amp
Peak Surge Current
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TA = 25ºC)
IFSM
25
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
ºC
Thermal Resistance, Junction to Lead, L = 3/8”
RθJL
45
ºC/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
5/ For information on operating curves, contact factory.
Axial Leaded
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0005H
DOC


Similar Part No. - RU0005H

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RU0005H SSDI-RU0005H_15 Datasheet
152Kb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - RU0005H

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com