Electronic Components Datasheet Search |
|
MV-1514 Datasheet(PDF) 11 Page - Altech corporation |
|
MV-1514 Datasheet(HTML) 11 Page - Altech corporation |
11 / 27 page Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com 14 K C D E B 0.6 A M P P/2 L H G I O J A 19.00 mm B 10.16 mm C 12.50 mm D 4.80 mm E 7.70 mm F– G 5.00 mm H 13.50 mm I 2.80 mm J 4.00 mm K Ø4.00 mm L 0.80 mm M 1.00 mm N– O 3.90 mm P 5.08 mm Dimensions No. Poles Cat. # Length (B) (mm) Std. Pk. 2 MVSP-252 10.2 3 MVSP-253 15.2 4 MVSP-254 20.3 5 MVSP-255 25.4 6 MVSP-256 30.5 7 MVSP-257 35.6 8 MVSP-258 40.6 9 MVSP-259 45.7 10 MVSP-2510 50.8 11 MVSP-2511 55.9 12 MVSP-2512 61.0 13 MVSP-2513 66.0 14 MVSP-2514 71.1 15 MVSP-2515 76.2 16 MVSP-2516 81.3 17 MVSP-2517 86.4 18 MVSP-2518 91.4 19 MVSP-2519 96.5 20 MVSP-2520 101.6 21 MVSP-2521 106.7 22 MVSP-2522 111.8 23 MVSP-2523 116.8 24 MVSP-2524 121.9 Pin Spacing: 5.08mm* Orientation: Vertical Clamp Type: Screw Cage Design: Modular MVSP-25 ELECTRICAL Current Voltage Wire Range 15A" 300V 30-14AWG 24A 450V 2.5mm2 Stranded 4.0mm2 Solid INSTALLATION DATA Screw Size M3 PCB Hole Size 1.5mm Torque 0.5Nm Stripping Lgth. 9.5mm (4.5 lbf-in.) MATERIAL Body PA6.8 Screw Galvanized Steel Flammability Class UL94V-0 Terminal Tin-Plated Brass Temperature Limit 105˚C UL Clamp Nickeled Brass 125˚C IEC Color Green * Also available in 10.16mm pin spacing. Dimensions B M P L H C G K D A P/2 I O J A 16.00 mm B 10.16 mm C 11.00 mm D 2.00 mm E– F– G 3.60 mm H 9.40 mm I 2.80 mm J 2.80 mm K Ø3.80 mm L 0.70 mm M 0.90 mm N– O 3.60 mm P 5.08 mm No. Poles Cat. # Length (B) (mm) Std. Pk. 2 MH-252 10.2 3 MH-253 15.2 4 MH-254 20.3 5 MH-255 25.4 6 MH-256 30.5 7 MH-257 35.6 8 MH-258 40.6 9 MH-259 45.7 10 MH-2510 50.8 11 MH-2511 55.9 12 MH-2512 61.0 13 MH-2513 66.0 14 MH-2514 71.1 15 MH-2515 76.2 16 MH-2516 81.3 17 MH-2517 86.4 18 MH-2518 91.4 19 MH-2519 96.5 20 MH-2520 101.6 21 MH-2521 106.7 22 MH-2522 111.8 23 MH-2523 116.8 24 MH-2524 121.9 Pin Spacing: 5.08mm Orientation: Horizontal Clamp Type: Screw Cage Design: Modular MH-25 ELECTRICAL Current Voltage Wire Range 15A" 300V 30-14AWG 16A 450V 2.5mm2 Stranded 4.0mm2 Solid INSTALLATION DATA Screw Size M3 PCB Hole Size 1.3mm Torque 0.5Nm Stripping Lgth. 8.3mm (4.5 lbf-in.) MATERIAL Body PA6.8 Screw Galvanized Steel Flammability Class UL94V-0 Terminal Tin-Plated Brass Temperature Limit 105˚C UL Clamp Nickeled Brass 125˚C IEC Color Green Fixed PCB Blocks " 16A Factory Wiring - UL " 18A Factory Wiring - UL 100 100 50 50 50 50 50 50 50 50 50 20 20 20 20 20 20 20 20 20 20 20 20 100 100 50 50 50 50 50 50 50 50 50 20 20 20 20 20 20 20 20 20 20 20 20 |
Similar Part No. - MV-1514 |
|
Similar Description - MV-1514 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |