Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A22362DRCT-NM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A22362DRCT-NM
Description  0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22362DRCT-NM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS5A22362DRCT-NM Datasheet HTML 3Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 4Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 5Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 6Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 7Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 8Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 9Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 10Page - Texas Instruments TS5A22362DRCT-NM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TS5A22362, TS5A22364
www.ti.com
SCDS261E – MARCH 2008 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY
(1)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM,
V+ – 5.5
V+
V
range
VNO, VNC
VNC or VNO ≤ V+,
25°C
0.61
0.87
COM to NO or
ON-state
1.5 V,
ron
NC,
3 V
resistance
V+ – 5.5 V,
Full
0.97
See Figure 16
ICOM = –100 mA,
ON-state
25°C
0.024
0.13
COM to NO or
resistance match
VNC or VNO = 1.5 V,
Δron
NC,
3 V
between
ICOM = –100 mA,
Full
0.13
See Figure 16
channels
VNC or VNO ≤ V+,
25°C
0.12
0.46
ON-state
COM to NO or
1.5 V,
resistance
ron(flat)
NC,
3 V
V+ – 5.5 V,
Full
0.5
flatness
See Figure 16
ICOM = –100 mA,
Shunt switch
resistance
rSH
INO or INC = 10 mA
Full
3 V
25
37
(TS5A22364
only)
VNC = 3 V, V+ – 5.5 V
25°C
–50
50
VCOM = V+ – 5.5 V, 3 V
NC, NO
VNO = Open
OFF leakage
COM to NO
INC(OFF),
current
or
See Figure 17
3.6 V
nA
INO(OFF)
Full
–375
375
(TS5A22362
VNO = 3 V, V+ – 5.5 V,
only)
VCOM = V+ – 5.5 V, 3 V
VNC = Open
COM to NC
COM
COM to NO or
25°C
–50
50
VNC and VNO = Open,
ON leakage
ICOM(ON)
NC,
3.6 V
nA
VCOM = V+,V+ – 5.5 V,
Full
–375
375
current
See Figure 18
Digital Control Inputs (IN)(2)
Input logic high
VIH
Full
1.4
5.5
V
Input logic low
VIL
Full
0.8
V
25°C
–250
250
Input leakage
IIH, IIL
VIN = V + or 0
3.6 V
nA
current
Full
–250
250
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TS5A22362 TS5A22364


Similar Part No. - TS5A22362DRCT-NM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362DRCT-NM TI1-TS5A22362DRCT-NM Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362DRCT-NM TI1-TS5A22362DRCT-NM Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362DRCT-NM TI1-TS5A22362DRCT-NM Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
More results

Similar Description - TS5A22362DRCT-NM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com