Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A23160 Datasheet(PDF) 4 Page - Texas Instruments

Part # TS5A23160
Description  0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23160 Datasheet(HTML) 4 Page - Texas Instruments

  TS5A23160_14 Datasheet HTML 1Page - Texas Instruments TS5A23160_14 Datasheet HTML 2Page - Texas Instruments TS5A23160_14 Datasheet HTML 3Page - Texas Instruments TS5A23160_14 Datasheet HTML 4Page - Texas Instruments TS5A23160_14 Datasheet HTML 5Page - Texas Instruments TS5A23160_14 Datasheet HTML 6Page - Texas Instruments TS5A23160_14 Datasheet HTML 7Page - Texas Instruments TS5A23160_14 Datasheet HTML 8Page - Texas Instruments TS5A23160_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
Electrical Characteristics for 5-V Supply
(1)
TS5A23160
0.9-
Ω DUAL SPDT ANALOG SWITCH
5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS210A – AUGUST 2005 – REVISED APRIL 2006
V
+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25
°C
0.8
1.1
Peak ON
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
rpeak
4.5 V
resistance
ICOM = –100 mA,
See Figure 14
Full
1.5
25
°C
0.7
0.9
ON-state
VNO or VNC = 2.5 V,
Switch ON,
ron
4.5 V
resistance
ICOM = –100 mA,
See Figure 14
Full
1.1
ON-state
25
°C
0.05
0.1
resistance
VNO or VNC = 2.5 V,
Switch ON,
match
∆r
on
4.5 V
ICOM = –100 mA,
See Figure 14
Full
0.1
between
channels
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
25
°C
0.15
ICOM = –100 mA,
See Figure 14
ON-state
resistance
ron(flat)
4.5 V
VNO or VNC = 1 V,
25
°C
0.1
0.25
Switch ON,
flatness
1.5 V, 2.5 V,
See Figure 14
Full
0.25
ICOM = –100 mA,
VNC or VNO = 1 V,
25
°C
–20
2
20
VCOM = 4.5 V,
INC(OFF),
Switch OFF,
or
5.5 V
nA
NC, NO
INO(OFF)
See Figure 15
Full
–150
150
VNC or VNO = 4.5 V,
OFF leakage
VCOM = 1 V,
current
25
°C
–1
1
INC(PWROFF),
VNC or VNO = 0 to 5.5 V,
Switch OFF,
0 V
µA
INO(PWROFF)
VCOM = 5.5 V to 0,
See Figure 15
Full
–20
20
VNC or VNO = 1 V,
25
°C
–20
20
NC, NO
INC(ON),
VCOM = Open,
Switch ON,
ON leakage
5.5 V
nA
INO(ON)
VNC or VNO = 4.5 V,
See Figure 16
Full
–150
150
current
VCOM = Open,
COM
25
°C
–1
0.1
1
VNC or VNO = 0 to 5.5 V,
Switch OFF,
OFF leakage
ICOM(PWROFF)
0 V
µA
VCOM = 5.5 V to 0,
See Figure 15
Full
–20
20
current
VNC or VNO = Open,
25
°C
–20
2
20
COM
VCOM = 1 V,
Switch ON,
ON leakage
ICOM(ON)
5.5 V
nA
VNC or VNO = Open,
See Figure 16
Full
–150
150
current
VCOM = 4.5 V,
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
4
Submit Documentation Feedback


Similar Part No. - TS5A23160_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23160DGSR TI-TS5A23160DGSR Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160DGSR TI-TS5A23160DGSR Datasheet
543Kb / 25P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160DGSRE4 TI-TS5A23160DGSRE4 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160DGSRE4 TI-TS5A23160DGSRE4 Datasheet
543Kb / 25P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160DGSRG4 TI-TS5A23160DGSRG4 Datasheet
543Kb / 25P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A23160_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23160 TI-TS5A23160_09 Datasheet
543Kb / 25P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com