Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH76806FVM Datasheet(PDF) 15 Page - Rohm

Part # BH76806FVM
Description  Output Capacitor-less Video Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH76806FVM Datasheet(HTML) 15 Page - Rohm

Back Button BH76806FVM Datasheet HTML 9Page - Rohm BH76806FVM Datasheet HTML 10Page - Rohm BH76806FVM Datasheet HTML 11Page - Rohm BH76806FVM Datasheet HTML 12Page - Rohm BH76806FVM Datasheet HTML 13Page - Rohm BH76806FVM Datasheet HTML 14Page - Rohm BH76806FVM Datasheet HTML 15Page - Rohm BH76806FVM Datasheet HTML 16Page - Rohm BH76806FVM Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Technical Note
15/16
BH76806FVM, BH76809FVM, BH76812FVM, BH76816FVM
www.rohm.com
2014.08 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●Cautions on use
1.
Numbers and data in entries are representative design values and are not guaranteed values of the items.
2.
Although ROHM is confident that the example application circuit reflects the best possible recommendations, be sure
to verify circuit characteristics for your particular application. Modification of constants for other externally connected
circuits may cause variations in both static and transient characteristics for external components as well as this Rohm
IC. Allow for sufficient margins when determining circuit constants.
3.
Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings, such as the applied voltage or operating temperature range
(Topr), may result in IC damage. Assumptions should not be made regarding the state of the IC (short mode or
open mode) when such damage is suffered. A physical safety measure, such as a fuse, should be implemented
when using the IC at times where the absolute maximum ratings may be exceeded.
4.
Thermal design
Perform thermal design, in which there are adequate margins, by taking into account the permissible dissipation
(Pd) in actual states of use.
5.
Short circuit between terminals and erroneous mounting
Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other
components on the circuits, can damage the IC.
6.
Operation in strong electromagnetic field
Using the ICs in a strong electromagnetic field can cause operation malfunction.
7.
Wiring from the decoupling capacitor C2 to the IC should be kept as short as possible.
This capacitance value may have ripple effects on the IC, and may affect the S-N ratio. It is recommended to use
as large a decoupling capacitor as possible. (Recommendations: 3.3 µF, B characteristics, 6.3 V or higher)
8.
Target capacitor
It is recommended to use a ceramic capacitor with good temperature characteristics (B).
9.
The NVCC (7 pin) terminal generates a voltage that is used within the IC, so it should not be connected to a load
unless necessary. This capacitor (C7) has a large capacitance value with low negative voltage ripple.
10.
Capacitors C18 and C2 should be placed as close as possible to the IC.
If the wire length to the capacitor is too
long, it can lead to switching noise. (Recommended C18: 1.0 µF; C2: 3.3 µF, B characteristics, 6.3 V or higher
maximum voltage)
11.
The HPF consists of input coupling capacitor C3 and 150 k
Ω of the internal input.
Be sure to check for video signal sag before determining the C3 value.
The cut-off frequency fc can be calculated using the following formula.
fc = 1/(2
π× C3 × 150 kΩ) (Recommendations: 1.0 µF, B characteristics, 6.3 V or higher maximum voltage)
12.
The output resistor R5 should be placed close to the IC.
13.
Improper mounting may damage the IC.
14.
A large current transition occurs in the power supply pin when the charge pump circuit is switched.
If this affects
other ICs (via the power supply line), insert a resistor (approximately 10
Ω) in the VCC line to improve the power
supply's ripple effects. Although inserting a 10
Ω resistor lowers the voltage by about 0.2 V, this IC has a wide margin
for low-voltage operation, so dynamic range problems or other problems should not occur. (See Figures 12 to 14.)
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
Fig. 48 Circuit current vs. STBY terminal voltage
STBY TERMINAL VOLTAGE [V]
VCC=3V Ta=25℃
BH76812FVM


Similar Part No. - BH76806FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76806FVM ROHM-BH76806FVM Datasheet
142Kb / 6P
   Low voltage operation video driver with LPF
BH76806FVM ROHM-BH76806FVM Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
More results

Similar Description - BH76806FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76906GU ROHM-BH76906GU_09 Datasheet
520Kb / 17P
   Ultra-compact Waferlevel Chip Size Packeage Output Capacitor-less Single Output Video Drivers
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
New Japan Radio
NJM2559 NJRC-NJM2559 Datasheet
698Kb / 10P
   Output Coupling Capacitor-less Video Amplifier with Power Supply
NJU71031 NJRC-NJU71031 Datasheet
242Kb / 8P
   OUTPUT COUPLING CAPACITOR-LESS LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com