Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1112IDRCTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1112IDRCTG4
Description  16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1112IDRCTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1112IDRCTG4 Datasheet HTML 5Page - Texas Instruments ADS1112IDRCTG4 Datasheet HTML 6Page - Texas Instruments ADS1112IDRCTG4 Datasheet HTML 7Page - Texas Instruments ADS1112IDRCTG4 Datasheet HTML 8Page - Texas Instruments ADS1112IDRCTG4 Datasheet HTML 9Page - Texas Instruments ADS1112IDRCTG4 Datasheet HTML 10Page - Texas Instruments ADS1112IDRCTG4 Datasheet HTML 11Page - Texas Instruments ADS1112IDRCTG4 Datasheet HTML 12Page - Texas Instruments ADS1112IDRCTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ADS1112
SBAS282D − JUNE 2003 − REVISED MARCH 2004
www.ti.com
9
When a master has finished communicating with a slave,
it may issue a STOP condition. When a STOP condition is
issued, the bus becomes idle again. A master may also
issue another START condition. When a START condition
is issued while the bus is active, it is called a repeated
START condition.
A timing diagram for an ADS1112 I2C transaction is shown
in Figure 1. The parameters for this diagram are given in
Table 3.
SERIAL BUS ADDRESS
To program the ADS1112, the master must first address
slave devices via a slave address byte. The slave address
byte consists of seven address bits, and a direction bit
indicating the intent of executing a read or write operation.
The ADS1112 features two address pins, A0 and A1, that
set the I2C address. These pins can be set to a logic low,
logic high, or left unconnected (floating), allowing eight
addresses to be selected with only two pins as shown in
Table 4. The state of pins A0 and A1 is sampled on
power-up or after an I2C general call, and should be set
prior to any activity on the interface.
I2C GENERAL CALL
The ADS1112 responds to the I2C General Call address
(0000000) if the eighth bit is 0. The device will
acknowledge the General Call address and respond to
commands in the second byte. If the second byte is
00000100 (04h), the ADS1112 will latch the status of the
address pins, A0 and A1, but not perform a reset. If the
second byte is 00000110 (06h), the ADS1112 will latch the
status of the address pins and reset the internal registers.
Figure 1. I2C Timing Diagram
FAST MODE
HIGH-SPEED MODE
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCLK operating frequency
t(SCLK)
0.4
3.4
MHz
Bus free time between START and STOP condition
t(BUF)
600
160
ns
Hold time after repeated START condition.
After this period, the first clock is generated.
t(HDSTA)
600
160
ns
Repeated START condition setup time
t(SUSTA)
600
160
ns
Stop condition setup time
t(SUSTO)
600
160
ns
Data hold time
t(HDDAT)
0
0
ns
Data setup time
t(SUDAT)
100
10
ns
SCLK clock LOW period
t(LOW)
1300
160
ns
SCLK clock HIGH period
t(HIGH)
600
60
ns
Clock/data fall time
tF
300
160
ns
Clock/data rise time
tR
300
160
ns
Table 3. Timing Diagram Definitions


Similar Part No. - ADS1112IDRCTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1112IDRCT BURR-BROWN-ADS1112IDRCT Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
More results

Similar Description - ADS1112IDRCTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_14 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
logo
NXP Semiconductors
TDA8706 PHILIPS-TDA8706 Datasheet
76Kb / 16P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Aug 20
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
logo
Microchip Technology
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com