Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1147IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1147IPW
Description  16-Bit Analog-to-Digital Converters for Temperature Sensors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1147IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1147IPW Datasheet HTML 5Page - Texas Instruments ADS1147IPW Datasheet HTML 6Page - Texas Instruments ADS1147IPW Datasheet HTML 7Page - Texas Instruments ADS1147IPW Datasheet HTML 8Page - Texas Instruments ADS1147IPW Datasheet HTML 9Page - Texas Instruments ADS1147IPW Datasheet HTML 10Page - Texas Instruments ADS1147IPW Datasheet HTML 11Page - Texas Instruments ADS1147IPW Datasheet HTML 12Page - Texas Instruments ADS1147IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
DVDD
DGND
CLK
RESET
REFP0/GPIO0
REFN0/GPIO1
VREFOUT
VREFCOM
AIN0/IEXC
AIN1/IEXC
SCLK
DIN
DOUT/DRDY
DRDY
CS
START
AVDD
AVSS
AIN3/IEXC/GPIO3
AIN2/IEXC/GPIO2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ADS1147
ADS1146
ADS1147
ADS1148
www.ti.com
SBAS453F – JULY 2009 – REVISED APRIL 2012
PW PACKAGE
TSSOP-20
(TOP VIEW)
ADS1147 (TSSOP-20) PIN DESCRIPTIONS
NAME
PIN NO.
FUNCTION
DESCRIPTION
DVDD
1
Digital
Digital power supply
DGND
2
Digital
Digital ground
CLK
3
Digital input
External clock input. Tie this pin to DGND to activate the internal oscillator.
RESET
4
Digital input
Chip reset (active low). Returns all register values to reset values.
Analog input
Positive external reference input, or
REFP0/GPIO0
5
Digital in/out
general-purpose digital input/output pin 0
Analog input
Negative external reference input, or
REFN0/GPIO1
6
Digital in/out
general-purpose digital input/output pin 1
VREFOUT
7
Analog output
Positive internal reference voltage output
Negative internal reference voltage output. Connect this pin to AVSS when using a unipolar
VREFCOM
8
Analog output
supply, or to the midvoltage of the power supply when using a bipolar supply.
AIN0/IEXC
9
Analog input
Analog input 0, optional excitation current output
AIN1/IEXC
10
Analog input
Analog input 1, optional excitation current output
Analog input
Analog input 2, optional excitation current output, or
AIN2/IEXC/GPIO2
11
Digital in/out
general-purpose digital input/output pin 2
Analog input
Analog input 3, with or without excitation current output, or
AIN3/IEXC/GPIO3
12
Digital in/out
general-purpose digital input/output pin 3
AVSS
13
Analog
Negative analog power supply
AVDD
14
Analog
Positive analog power supply
START
15
Digital input
Conversion start. See text for description of use.
CS
16
Digital input
Chip select (active low)
DRDY
17
Digital output
Data ready (active low)
Serial data out output, or
DOUT/DRDY
18
Digital output
data out combined with data ready (active low when DRDY function enabled)
DIN
19
Digital input
Serial data input
SCLK
20
Digital input
Serial clock input
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS1146 ADS1147 ADS1148


Similar Part No. - ADS1147IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1147IPW TI-ADS1147IPW Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1147IPW TI1-ADS1147IPW Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1147IPW TI1-ADS1147IPW Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1147IPWR TI-ADS1147IPWR Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1147IPWR TI1-ADS1147IPWR Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Similar Description - ADS1147IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com