Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA783 Datasheet(PDF) 2 Page - General Semiconductor

Part # BA783
Description  Bandswitching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BA783 Datasheet(HTML) 2 Page - General Semiconductor

  BA783 Datasheet HTML 1Page - General Semiconductor BA783 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
257
BA782, BA783
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage at IF = 100 mA
VF
––
1
V
Leakage Current at VR = 20 V
IR
––
50
nA
Dynamic Forward Resistance
at f = 50 to 1000 MHz, IF = 3 mA
BA782
BA783
at f = 50 to 1000 MHz, IF = 10 mA
BA782
BA783
rf
rf
rf
rf
0.7
1.2
0.5
0.9
Capacitance
at VR = 1 V, f = 1 MHz
at VR = 3 V, f = 1 MHz
BA782
BA783
Ctot
Ctot
Ctot
1.5
1.25
1.2
pF
pF
pF
Series Inductance across Case
LS
–2.5
nH
RATINGS AND CHARACTERISTIC CURVES BA782, BA783


Similar Part No. - BA783

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BA783 KEXIN-BA783 Datasheet
33Kb / 1P
   Bandswitching Diodes
logo
Vishay Siliconix
BA783 VISHAY-BA783 Datasheet
75Kb / 3P
   Band Switching Diodes
Rev. 1.5, 25-Feb-13
BA783-G VISHAY-BA783-G Datasheet
77Kb / 3P
   Band Switching Diodes
Rev. 1.1, 14-May-14
BA783-V VISHAY-BA783-V Datasheet
63Kb / 3P
   Band Switching Diodes
Rev. 1.4, 05-Aug-10
logo
General Semiconductor
BA783S GE-BA783S Datasheet
81Kb / 2P
   Bandswitching Diodes
More results

Similar Description - BA783

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BA782S GE-BA782S Datasheet
81Kb / 2P
   Bandswitching Diodes
logo
Guangdong Kexin Industr...
BA782 KEXIN-BA782 Datasheet
33Kb / 1P
   Bandswitching Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
STMicroelectronics
PL100Z STMICROELECTRONICS-PL100Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Diodes Incorporated
1S955 DIODES-1S955 Datasheet
54Kb / 1P
   DIODES
logo
Sanyo Semicon Device
DCD010 SANYO-DCD010 Datasheet
20Kb / 2P
   Diodes
logo
Rohm
UMD3 ROHM-UMD3 Datasheet
44Kb / 1P
   Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com