Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS0197 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0197
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0197 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0197 Datasheet HTML 1Page - Solid States Devices, Inc RS0197 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Extremely Low Forward Voltage Drop
• Low Reverse Leakage
• Hermetically Sealed Power Surface Mount
Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, or Space Level Screening Available
SSR1008
SSR1009
SSR1010
10 AMP
100 VOLTS
SCHOTTKY RECTIFIER
SMD1
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SSR1008
SSR1009
SSR1010
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Output Current 1/
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
10
Amps
Peak Surge Current 1/
(8.3 ms Pulse, Half Sine Wave, superimposed on
IO, allow junction to reach equilibrium between
pulses, TA=25
°C)
IFSM
200
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance 1/
Junction to Case
RθJC
1.6
°C/W
Notes:
1/ For optimal performance, leads 1 & 3 should be connected.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0197D
DOC


Similar Part No. - RS0197

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0197 SSDI-RS0197_15 Datasheet
130Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - RS0197

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com