Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7861 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7861
Description  Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7861 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7861 Datasheet HTML 1Page - Texas Instruments ADS7861 Datasheet HTML 2Page - Texas Instruments ADS7861 Datasheet HTML 3Page - Texas Instruments ADS7861 Datasheet HTML 4Page - Texas Instruments ADS7861 Datasheet HTML 5Page - Texas Instruments ADS7861 Datasheet HTML 6Page - Texas Instruments ADS7861 Datasheet HTML 7Page - Texas Instruments ADS7861 Datasheet HTML 8Page - Texas Instruments ADS7861 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Dual, 500kSPS, 12-Bit, 2 + 2 Channel,
Simultaneous Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 4 INPUT CHANNELS
q FULLY DIFFERENTIAL INPUTS
q 2
µs TOTAL THROUGHPUT PER CHANNEL
q NO MISSING CODES
q 1MHz EFFECTIVE SAMPLING RATE
q LOW POWER: 40mW
q SSI SERIAL INTERFACE
q OPERATING TEMPERATURE RANGE:
–40
°C to +125°C
APPLICATIONS
q MOTOR CONTROL
q MULTI-AXIS POSITIONING SYSTEMS
q 3-PHASE POWER CONTROL
DESCRIPTION
The ADS7861 is a dual, 12-bit, 500kSPS, Analog-to-Digital
(A/D) converter with four fully differential input channels
grouped into two pairs for high speed, simultaneous signal
acquisition. Inputs to the sample-and-hold amplifiers are fully
differential and are maintained differential to the input of the
A/D converter. This provides excellent common-mode rejec-
tion of 80dB at 50kHz which is important in high noise
environments.
The ADS7861 offers a high-speed, dual serial interface and
control inputs to minimize software overhead. The output data
for each channel is available as a 12-bit word. The ADS7861
is offered in both an SSOP-24 and a QFN-32 package and is
fully specified over the –40
°C to +125°C operating range.
SAR
Serial
Interface
COMP
CLOCK
A0
M1
M0
CONVST
CS
RD
BUSY
SERIAL DATA B
SERIAL DATA A
CDAC
Internal
2.5V
Reference
SHA
CH A0–
CH A0+
REF
IN
CH A1–
CH A1+
SAR
COMP
CDAC
SHA
CH B0–
CH B0+
CH B1–
CH B1+
REF
OUT
ADS7861
SBAS110D – DECEMBER 1998 – REVISED AUGUST 2007
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1998-2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ADS7
861
ADS
7861
All trademarks are the property of their respective owners.


Similar Part No. - ADS7861

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Burr-Brown (TI)
ADS7861E BURR-BROWN-ADS7861E Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861E TI1-ADS7861E Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861E/2K5 TI1-ADS7861E/2K5 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com